Electronic Components Datasheet Search
  English  ▼

X  

RF2472 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2472
Description  2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2472 Datasheet HTML 1Page - RF Micro Devices RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
4-89
RF2472
Rev A6 011023
4
Pin
Function
Description
Interface Schematic
1VCC
Supply connection. An external bypass capacitor may be required in
some applications.
See pin 3.
2GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
3RF IN
RF input pin. This pin is DC coupled and matched to 50
Ω at 2.4GHz.
4PD
Power down pin.This pin enables the bias to the amplifier. To turn the
amplifier on, this pin should be connected to VCC. Connecting this pin
to ground, will turn the amplifier off and reduce the current draw to
below 1
µA. This pin is a CMOS input. There is no DC current draw
other than the transient current required to charge or discharge the
gate capacitance (less than 5pF).
5RF OUT
LNA Output pin.This pin is an open-collector output. It must be biased
to VCC through a choke or matching inductor. This pin is typically
matched to 50
Ω with a shunt bias/matching inductor and series block-
ing/matching capacitor. Refer to application schematics.
See pin 3.
RF IN
RF OUT
VCC
BIAS
PD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com