Electronic Components Datasheet Search
  English  ▼

X  

RF2512 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2512
Description  UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2512 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2512 Datasheet HTML 4Page - RF Micro Devices RF2512 Datasheet HTML 5Page - RF Micro Devices RF2512 Datasheet HTML 6Page - RF Micro Devices RF2512 Datasheet HTML 7Page - RF Micro Devices RF2512 Datasheet HTML 8Page - RF Micro Devices RF2512 Datasheet HTML 9Page - RF Micro Devices RF2512 Datasheet HTML 10Page - RF Micro Devices RF2512 Datasheet HTML 11Page - RF Micro Devices RF2512 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
11-18
RF2512
Rev B9 010509
11
With these known, it is then possible to determine the
values of the filter components.
As an example, consider a loop bandwidth of 50 kHz, a
phase margin of 45°, a divide ratio of 64, a KVCO of
20MHz/V, and a KPD of 0.01592mA/2πrad. Time con-
stant
τ
1 is 1.31848 µs, time constant τ2 is 7.68468 µs,
C1 is 131.15pF, C2 is 633.26pF, and R2 is 12.14kΩ.
In order to perform these calculations, one will need to
know the value of two constants, KVCO and KPD.KPD is
calculated by dividing the charge pump current by 2
π.
For the RF2512, the charge pump current is 40
µA.
KVCO is best found empirically as it will change with
frequency and board parasitics. By briefly connecting
pin 23 (LOOP FLT) to VCC and then to ground, the fre-
quency tuning range of the VCO can be seen. Dividing
the difference between these two frequencies by the
difference in the voltage gives KVCO in MHz/V.
The control lines provide an interface for connecting
the device to a microcontroller or other signal generat-
ing mechanism. The designer can treat pin 16 (MOD
IN), pin 15 (DIV CTRL), pin 14 (MOD CTRL) and pin 7
(LVL ADJ) as control pins whose voltage level can be
set.
General RF bypassing techniques must be observed
to get the best performance. Choose capacitors such
that they are series resonant near the frequency of
operation.
Board layout is always an area in which great care
must be taken. The board material and thickness are
used in calculating the RF line widths. The use of vias
for connection to the ground plane allows one to con-
nect to ground as close as possible to ground pins.
When laying out the traces around the VCO, it is desir-
able to keep the parasitics equal between the two legs.
This will allow equal valued inductors to be used.
Pre-compliance testing should be performed during
thedesignprocess.This can be donewithaGTEM cell
or at a compliance testing laboratory. It is recom-
mended that pre-compliance testing be performed so
that there are no surprises during final compliance
testing. This will help keep the product development
and release on schedule.
Working with a laboratory offers the benefit of years of
compliance testing experience and familiarity with the
regulatory issues. Also, the laboratory can often pro-
vide feedback that will help the designer make the
product compliant.
On the other hand, having a GTEM cell or an open air
test site locally offers the designer the ability to rapidly
determine whether or not design changes impact the
product's compliance. Set-up of an open air test site
and the associated calibration is not trivial. An alterna-
tive is to use a GTEM test cell.
After the design has been completed and passes com-
pliance testing, application will need to be made with
the respective regulatory bodies for the geographic
region in which the product will be operated to obtain
final certifications.
Conclusions
The RF2512 is an FM/FSK UHF transmitter that fea-
tures a phase-locked output. This device is suitable for
use in a CFR Part 15.231 compliant product as well as
a local oscillator signal source. Further, the RF2512 is
packaged in a low cost SSOP-24 plastic package and
requires few external parts, thus making it suitable for
low cost designs.
C
1
τ
1
τ
2
-----
K
PD
K
VCO
⋅
ω
2
LB W
N
⋅
-----------------------------
1
ω
LBW
τ
2
⋅
()
2
+
1
ω
LBW
τ
1
⋅
()
2
+
----------------------------------------
⋅⋅
=
C
2
C
1
τ
2
τ
1
-----
1
–
èø
æö
⋅
=
R
2
τ
2
C
2
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com