Electronic Components Datasheet Search
  English  ▼

X  

RF2514 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2514
Description  VHF/UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2514 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2514 Datasheet HTML 2Page - RF Micro Devices RF2514 Datasheet HTML 3Page - RF Micro Devices RF2514 Datasheet HTML 4Page - RF Micro Devices RF2514 Datasheet HTML 5Page - RF Micro Devices RF2514 Datasheet HTML 6Page - RF Micro Devices RF2514 Datasheet HTML 7Page - RF Micro Devices RF2514 Datasheet HTML 8Page - RF Micro Devices RF2514 Datasheet HTML 9Page - RF Micro Devices RF2514 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary
11-32
RF2514
Rev A2 010215
11
The circuit consists of two D flip-flops whose outputs
are combined with a NAND gate which is then tied to
the reset on each flip-flop. The outputs of the flip-flops
are also connected to the charge pump inputs. Each
flip-flop output signal is a series of pulses whose fre-
quency is related to the flip-flop input frequency. When
both inputs of the flip-flops are identical, the signals are
both frequency and phase locked. If they are different,
they will provide signals to the charge pump which will
either charge or discharge the loop filter or place the
charge pump in a high impedance state, maintaining
thecharge on the loopfilter. Thename"tri-statecom-
parator" comes from this. The main benefit of this type
of detector is the ability to correct for errors in both
phase and frequency. When locked, the detector uses
phase error for correction. When unlocked, it will use
the frequency error for correction. This type of detector
will lock under all conditions.
The charge pump consists of two transistors, one for
charging the loop filter and the other for discharging
the loop filter. The charge pump inputs are the outputs
of the phase detector flip-flops. If both amplifier inputs
are low, then the amplifier pair goes into a high imped-
ance state, maintaining the charge on the loop filter. In
the charge and discharge states, the loop filter inte-
grates the pulses coming from the charge pump to cre-
ate a control voltage for the voltage controlled
oscillator.
The VCO is a tuned-differential amplifier with the
bases and collectors cross-coupled to provide positive
feedback and a 360° phase shift. The tuned circuit is
located in the collectors and is comprised of internal
varactors and external inductance, which also provides
DC bias for the VCO. The varactor diodes are inter-
nally configured for negative tuning. That is, a higher
control voltage results in a lower VCO frequency by
reducing the varactor reverse bias which correspond-
ingly increases the capacitance. The inductance is
selected by the designer for the desired frequency of
operation. Two inductor configurations are possible.
In the first configuration, two inductors are connected
in series between RESNTR- and RESNTR+. A resistor
is then used to provide the DC bias to the balanced
inductance node formed by the series connection of
the inductors. Ideally, the two inductors should be
equal in value, but a slight imbalance is acceptable if
necessary for VCO centering.
In the second configuration, a single inductor is placed
across RESNTR- and RESNTR+ and one resistor is
used to provide bias to the differential amplifier. The
resistor is connected in series from VCC to either
RESNTR- or RESNTR+. The inductor provides the DC
bias path for the other resonator pin. This configuration
has the advantage of lower cost and parts count, as
only one inductor is required; the disadvantage is
potentially suboptimal VCO centering due to limited
standard inductor values. For example, 20nH may be
the optimal inductance to center the VCO at the
desired operating frequency, but only 18nH and 22nH
inductors are available as standard values. However,
for the two-inductor configuration, both inductors can
be 10nH, thus giving the optimal 20nH of inductance.
Of course, the problem of optimization can also be
resolved by increasing (or decreasing) the inductance
of the traces running to the inductor in the single-induc-
tor configuration.
The output of the VCO is buffered and applied to the
prescaler circuit, where it is divided by either 32 or 64,
as selected by the designer, and compared to the ref-
erence oscillator frequency.
The transmit amplifier is a two-stage amplifier con-
sisting of a driver and an open collector final stage. It is
capable of providing 5dBm of output power into a 50
Ω
load while operating from a 3.6 V power supply.
The lock-detect circuitry connects to the output of the
phasedetector circuitry andis usedtodisable the
transmitter when the VCO is not phase-locked to the
reference oscillator. This is necessary to avoid
unwanted out-of-band transmission and to provide
compliance with regulatory limits during an unlocked
condition.
There are many possible reasons that the PLL could
be unlocked. For instance, there is a short period dur-
ing the start of any VCO in which the VCO starts oscil-
lating and the reference oscillator builds up to full
amplitude. During this period, the frequency will likely
be outside the authorized band. Typically the VCO
starts much faster than the reference oscillator. Once
both VCO and reference oscillators are running, the
phase detector can start slewing the VCO to the cor-
rect frequency, sliding across 200MHz of occupied
spectrum. In some competitive devices, the transmitter
output operates at full power under all of these condi-
tions.
The lock protection circuit in the RF2514 is intended to
stabilize quickly after power is applied to the chip and
to disable the base drive to the transmit amplifier. This
attenuates the output to levels that will be generally
acceptable to regulatory boards as spurious emis-
sions. Once the phase detector has locked the oscilla-
tors, then the lock circuit enables the MOD IN pin for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com