Electronic Components Datasheet Search
  English  ▼

X  

RF2627 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2627
Description  3V CDMA RECEIVE AGC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2627 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2627 Datasheet HTML 1Page - RF Micro Devices RF2627 Datasheet HTML 2Page - RF Micro Devices RF2627 Datasheet HTML 3Page - RF Micro Devices RF2627 Datasheet HTML 4Page - RF Micro Devices RF2627 Datasheet HTML 5Page - RF Micro Devices RF2627 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10-38
RF2627
Rev A8 010711
10
IIP3 versus VGC
VCC=2.7VDC,FC=85MHz
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (VDC)
IIP3 (-40°C)
IIP3 (25°C)
IIP3 (85°C)
IIP3versusVGC
VCC=3.4VDC,FC=85MHz
-60
-50
-40
-30
-20
-10
0
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
VGC (VDC)
IIP3 (-40°C)
IIP3 (25°C)
IIP3 (85°C)
Gain versus VGC
VCC=2.7VDC,FC=85MHz
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (VDC)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
Gain versus VGC
VCC=3.4VDC FC=85MHz
-80.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (VDC)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
OIP3 versus VGC
VCC=2.7VDC,FC=85MHz
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (VDC)
OIP3 (-40°C)
OIP3 (25°C)
OIP3 (85°C)
OIP3 versus VGC
VCC=3.4VDC,FC=85MHz
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (VDC)
OIP3 (-40°C)
OIP3 (25°C)
OIP3 (85°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com