Electronic Components Datasheet Search
  English  ▼

X  

RF2628 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2628
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2628 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2628 Datasheet HTML 1Page - RF Micro Devices RF2628 Datasheet HTML 2Page - RF Micro Devices RF2628 Datasheet HTML 3Page - RF Micro Devices RF2628 Datasheet HTML 4Page - RF Micro Devices RF2628 Datasheet HTML 5Page - RF Micro Devices RF2628 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-20
RF2628
Rev B4 010720
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 5.5
VDC
Input RF Power
+20
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.0V, RF=840MHz,
LO= 970MHz @ -2 dBm, IF= 130MHz @ -15
dBm
RF Output Frequency Range
500
824 to 849
1500
MHz
Conversion Gain
-2
0
+1
dB
Noise Figure
15.5
18
dB
Output IP3
+5
+9
dBm
Output VSWR
1.6:1
1.8:1
50
Spurious Product Rejection
30
dBc
Referenced to RF output
IF Input
IF Frequency
DC
130
500
MHz
Differential Input Impedance
215
265
315
IF to RF Output Isolation
21
23
dB
IF = 130MHz
IF to LO Isolation
40
45
dB
LO Input
LO Frequency Range
300
954 to 979
1700
MHz
LO Level
-3 to +3
dBm
LO to RF Output Leakage
-25
-28
dBm
LO Input VSWR
1.1:1
1.5:1
50
Power Supply
Voltage
2.7 to 5.0
V
Current Consumption
21
24
mA
VCC=3.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com