Electronic Components Datasheet Search
  English  ▼

X  

RF2938 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 12Page - RF Micro Devices RF2938 Datasheet HTML 13Page - RF Micro Devices RF2938 Datasheet HTML 14Page - RF Micro Devices RF2938 Datasheet HTML 15Page - RF Micro Devices RF2938 Datasheet HTML 16Page - RF Micro Devices RF2938 Datasheet HTML 17Page - RF Micro Devices RF2938 Datasheet HTML 18Page - RF Micro Devices RF2938 Datasheet HTML 19Page - RF Micro Devices RF2938 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
2-18
RF2938
Rev A8 010418
11
RX ICC versus VCC (VGC=1.2V to 2.0V, I & Q_out=500mVP-P,
IF LO=560MHz@-10dBm, RBW=100k
Ω)
Ω)
Ω)
Ω)
59.00
59.50
60.00
60.50
61.00
61.50
62.00
62.50
63.00
63.50
64.00
64.50
65.00
65.50
66.00
66.50
67.00
67.50
68.00
68.50
69.00
69.50
70.00
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC (VDC)
Icc, -40°C
Icc, +25°C
Icc, +85°C
RX Gain versus VGC (VCC=2.7-3.6V, RX IFIN=280.5MHz, RBW=100kΩΩΩΩ, I& Q
out=500mVP-P, IF LO=560MHz@-10dBm)
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
100.00
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VGC (VDC)
Gain, -40°C
Gain, +25°C
Gain, +85°C
Input P1dB versus VGC (Temp=Ambient, VCC=3.15V,
RX IFIN=280.5MHz, RBW=100k
Ω
Ω
Ω
Ω, IF LO=560MHz@-10dBm)
-85.00
-80.00
-75.00
-70.00
-65.00
-60.00
-55.00
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VGC [VDC]
Noise Figure versus VGC (Temp=Ambient, VCC=3.15V,
RX IFIN=291MHz, RBW=5.1k
Ω
Ω
Ω
Ω, IF LO=560MHz@-10dBm)
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
22.00
24.00
26.00
28.00
30.00
32.00
34.00
36.00
38.00
1.21.3
1.41.5
1.61.7
1.81.9
2.0
VGC [VDC]
I & Q Amplitude Balance versus VGC (VCC=3.15V, RX IFIN=280.5MHz,
RBW=100k
Ω
Ω
Ω
Ω, I & Q out=500mVP-P, IF LO=560MHz@-10dBm)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VGC (VDC)
Ampl_Err, -40°C
Ampl_Err, +25°C
Ampl_Err, +85°C
I & Q Phase Balance versus VGC (VCC=2.7-3.6V,
RX IFIN=280.5MHz, RBW=100k
Ω
Ω
Ω
Ω , I & Q out=500mVP-P, IF LO=560MHz@-10dBm)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
1.21.3
1.41.5
1.61.7
1.81.9
2.0
VGC (VDC)
Phase Err, -40°C
Phase Err, +25°C
Phase Err, +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com