Electronic Components Datasheet Search
  English  ▼

X  

RF3110 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3110
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3110 Datasheet HTML 1Page - RF Micro Devices RF3110 Datasheet HTML 2Page - RF Micro Devices RF3110 Datasheet HTML 3Page - RF Micro Devices RF3110 Datasheet HTML 4Page - RF Micro Devices RF3110 Datasheet HTML 5Page - RF Micro Devices RF3110 Datasheet HTML 6Page - RF Micro Devices RF3110 Datasheet HTML 7Page - RF Micro Devices RF3110 Datasheet HTML 8Page - RF Micro Devices RF3110 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
2-265
RF3110
Rev A0 010921
2
Pin
Function
Description
Interface Schematic
1
DCS IN
RF input to the DCS band. This is a 50
Ω input.
2BAND
SELECT
Allows external control to select the GSM or DCS band with a logic high
or low. A logic low enables the GSM band whereas a logic high enables
the DCS band.
3
TX ENABLE This signal enables the PA module for operation with a logic high. Once
TX Enable is asserted the RF output level will increase to 0dBm.
4VBATT
Power supply for the module. This should be connected to the battery.
5VREG
Regulated voltage input for power control function. (2.8V nom)
6
VRAMP
Ramping signal from DAC. A simple RC filter may need to be con-
nected between the DAC output and the VRAMP input depending on
the baseband selected. The ramping profiles shown later in the data
sheet are recommended profiles for meeting the GSM specification for
burst timing and transient spectrum.
7GSM IN
RF input to the GSM band. This is a 50
Ω input.
8VCC2
Controlled voltage input to driver stage for GSM bands. This voltage is
part of the power control function for the module. This node must be
connected to VCC out.
9GSM OUT
RF output for the GSM band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
10
VCC OUT
Controlled voltage output to feed VCC2. This voltage is part of the
power control function for the module. It can not be connected to any-
thing other than VCC2, nor can any component be placed on this node
(i.e. decoupling capacitor).
11
DCS OUT
RF output for the DCS band. This is a 50
Ω output. The output load line
matching is contained internal to the package.
12
VCC2
Controlled voltage input to DCS driver stage. This voltage is part of the
power control function for the module. This node must be connected to
VCC out
Pkg
Base
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com