Electronic Components Datasheet Search
  English  ▼

X  

RF3320 Datasheet(PDF) 18 Page - RF Micro Devices

Part # RF3320
Description  CABLE REVERSE PATH PROGRAMMABLE GAIN AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3320 Datasheet(HTML) 18 Page - RF Micro Devices

Back Button RF3320 Datasheet HTML 10Page - RF Micro Devices RF3320 Datasheet HTML 11Page - RF Micro Devices RF3320 Datasheet HTML 12Page - RF Micro Devices RF3320 Datasheet HTML 13Page - RF Micro Devices RF3320 Datasheet HTML 14Page - RF Micro Devices RF3320 Datasheet HTML 15Page - RF Micro Devices RF3320 Datasheet HTML 16Page - RF Micro Devices RF3320 Datasheet HTML 17Page - RF Micro Devices RF3320 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Preliminary
3-44
RF3320
Rev A10 010514
3
Special Handling Information for Shrunk Small
Outline Package (SSOP1-EPP) Products
These packages are considered JEDEC Level 5 for
moisture sensitivity and require special handling to
assure reliable performance.
The exposed copper slug on the bottom of the package
improves both thermal and electrical performance.
Since the RFIC is mounted directly on the thermal
slug, and the slug is soldered directly on the PCB, the
thermal resistance to the PCB is minimized. Also, the
RF ground for the amplifier is established through this
copper slug as it is soldered to the ground plane on the
PCB. This offers the least inductance ground path
available.
Care must be taken when soldering these packages to
the PCB. They are currently considered JEDEC Level
5 for moisture sensitivity. Therefore the parts must be
handled in a dry environment prior to soldering, as is
specified in the JEDEC specification. Specifically,
RFMD recommends the following procedure prior to
assembly:
1. Dry-bake the parts at 125°C for 24 hours minimum.
Note: the shipping tubes cannot withstand 125°C
baking temperature.
2. Parts delivered on tape and reel are already dry-
baked and dry-packed. These may be stored for up
to oneyear, butmustbeassembledwithin48hours
after opening the bag.
3. Assemble the dry-baked parts within two days of
removal from the oven.
4. During this two-day period, the parts must be stored
in humidity less than 60 percent.
IMPORTANT!
If the two-day period is exceeded, then this procedure
must be repeated prior to assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com