Electronic Components Datasheet Search
  English  ▼

X  

RF9908 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF9908
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9908 Datasheet(HTML) 3 Page - RF Micro Devices

  RF9908 Datasheet HTML 1Page - RF Micro Devices RF9908 Datasheet HTML 2Page - RF Micro Devices RF9908 Datasheet HTML 3Page - RF Micro Devices RF9908 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-59
RF9908
Rev A2 010720
6
Application Schematic
Pin
Function
Description
Interface Schematic
1IF+
Balanced IF Input Pin. This pin is internally DC biased and should be
DC blocked if connected to a device with a DC level present. For single-
ended input operation, one pin is used as an input and the other IF
input is AC coupled to ground. The balanced, as well as single-ended,
input impedance is 265
Ω.
2IF-
Same as pin 1, except complementary input.
See pin 1.
3GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
4LO+
Balanced LO Input Pin. This pin is internally DC biased and should be
DC blocked if connected to a device with a DC level present. For single-
ended input operation, one pin is used as an input and the other LO
input is AC coupled to ground. The balanced, as well single-ended,
input impedance is 50
Ω.
5LO-
Same as pin 4, except complementary input.
See pin 4.
6GND
Same as pin 3.
7VCC
Supply Voltage pin. External bypassing is required. External RF, LO,
and IF bypassing is required. The trace length between the pin and the
bypass capacitors should be minimized. The ground side of the bypass
capacitors should connect immediately to ground plane.
8RF OUT
RF Output Pin. This pin is internally DC blocked. The output impedance
is 50
Ω.
BIAS
IF-
IF+
BIAS
LO-
LO+
RF OUT
RF OUT
IF+
IF-
LO+
1nF
1nF
100 pF
100 pF
100 nF
V
CC
100 pF
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com