Electronic Components Datasheet Search
  English  ▼

X  

2SA1812 Datasheet(PDF) 2 Page - Rohm

Part # 2SA1812
Description  High-voltage Switching Transistor (-400V, -0.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1812 Datasheet(HTML) 2 Page - Rohm

  2SA1812 Datasheet HTML 1Page - Rohm 2SA1812 Datasheet HTML 2Page - Rohm 2SA1812 Datasheet HTML 3Page - Rohm 2SA1812 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1812 / 2SA1727 / 2SA1776
Electrical characteristic curves
0
-10
-6
-8
-4
-0.1
-0.2
-0.3
-0.4
-0.5
-2
0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grouded emitter output
characteristics
-80mA
0
-2.0
-0.2-0.4-0.6-0.8-1.0-1.2-1.4-1.6 -1.8
-0.0005
-0.001
-0.002
-0.005
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
COLLECTOR TO EMITTER VOLTAGE : VBE (V)
Fig.2 Grounded emitter propagation
characteristics
VCE
=-5V
-0.001
-0.002 -0.01
-0.05
-1
-0.1
-0.2-0.5
-0.02
-0.005
1
2
5
10
20
50
100
200
500
1000
COLLECTOR CURRENT : IC (A)
Fig.3 DC current gain vs.
collector current ( )
Ta
=25°C
VCE
=-10V
-5V
Ta
=25°C
lB=-
20mA
-40mA
-60mA
-100mA
-120mA
-140mA
-
160mA
-0.001
-0.002 -0.01
-0.05
-1
-0.1
-0.2-0.5
-0.02
-0.005
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
-2
-5
-10
COLLECTOR CURRENT : IC (A)
Fig.6 Collector-emitter saturation
voltage vs. collector current
Base-emitter saturation
voltage vs. collector current
lC/lB
=10
Ta
=100°C
Ta
=-25°C
VCE(sat)
VBE(sat)
-0.001
-0.002 -0.01
-0.05
-1
-0.1
-0.2-0.5
-0.02
-0.005
1
2
5
10
20
50
100
200
500
1000
COLLECTOR CURRENT : IC (A)
Fig.4 DC current gain vs.
collector current ( )
VCE
=-5V
Ta
=100°C
25
°C
-25
°C
-0.001
-0.002 -0.01
-0.05
-1
-0.1
-0.2-0.5
-0.02
-0.005
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
-2
-5
-10
COLLECTOR CURRENT : IC (A)
Fig.5 Collector-emitter saturation
voltage vs. collector current
Ta
=25°C
lC/lB=
50
20
10
25
°C
25
°C 100°C
-25
°C
-1
-2 -5-10
-20 -50-100 -200-500
-0.001
-0.002
-0.005
-0.01
-0.02
-0.05
-0.1
-0.2
-0.5
-1
-2
-5
-10
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.9 Safe operating area (2SA1812)
Ta
=25°C
(When mounted on a
40 40 0.7mm
ceramic board.)
Single
nonrepetitive
pulse
PW
=10ms
100ms
lC Max. (Pulse )
0.0005
0.001
0.005
0.2 0.5
0.02 0.050.1
0.01
0.002
1
2
5
10
20
50
100
200
500
1000
COLLECTOR CURRENT : IE (A)
Fig.7 TRANSITION FREQUENCY
vs. EMITTER CURRENT
Ta
=25°C
VCE
=-5V
-0.05
-50
-1
-2 -5-10
-20
-0.5
-0.1 -0.2
1
2
5
10
20
50
100
200
500
1000
COLLECTOR TO BASE VOLTAGE: VCB (V)
Fig.8 Collector output capacitance
vs. collector-base voltage
Ta
=25°C
f
=1MHZ
lE
=0A
Transistors
1/3
1/3
1/3
2/3
Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com