Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 1 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(96-120-B12)
FExternal dimensions (Units: mm)
207
Transistors
Medium Power Transistor
(
*32V, *1A)
2SB1132 / 2SA1515S / 2SB1237
FFeatures
1) Low VCE(sat).
VCE(sat) =
*0.2V (Typ.)
(IC /IB = –500mA / –50mA)
2) Compliments 2SD1664 /
2SD1858.
FStructure
Epitaxial planar type
PNP silicon transistor


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
142Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB1237 ROHM-2SB1237 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1237 ROHM-2SB1237 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1237 FOSHAN-2SB1237 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Rohm
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com