Electronic Components Datasheet Search
  English  ▼

X  

2SA1576AS Datasheet(PDF) 3 Page - Rohm

Part # 2SA1576AS
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1576AS Datasheet(HTML) 3 Page - Rohm

  2SA1576AS Datasheet HTML 1Page - Rohm 2SA1576AS Datasheet HTML 2Page - Rohm 2SA1576AS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SA1037AK / 2SA1576A / 2SA1774 /
Transistors
2SA2029 / 2SA933AS
!
!
!
!
Electrical characteristic curves
Fig.1 Grounded emitter propagation
characteristics
−0.2
−50
−20
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6
VCE=
−6V
BASE TO EMITTER VOLTAGE : VBE (
V)
Ta=100˚C
25˚C
−40˚C
Fig.2 Grounded emitter output
characteristics (I)
−0.4
−4
−8
−1.2
0
−2
−6
−10
−0.8
−1.6
−2.0
−3.5µA
−7.0
−10.5
−14.0
−17.5
−21.0
−24.5
−28.0
−31.5
IB=0
Ta=25˚C
−35.0
COLLECTOR TO MITTER VOLTAGE : VCE (
V)
Fig.3 Grounded emitter output
characteristics (II)
−40
−80
−5
−3
−4
−2
−1
−20
−60
−100
0
IB=0
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
−50µA
−100
−150
−200
−250
−500
−450
−400
−350
−300
Fig.4 DC current gain vs.
collector current (I)
500
200
100
50
−0.2 −0.5 −1 −2
−5 −10 −20 −50 −100
Ta=25˚C
VCE=
−5V
−3V
−1V
COLLECTOR CURRENT : IC (
mA)
Fig.5 DC current gain vs.
collector current (II)
500
200
100
50
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
COLLECTOR CURRENT : IC (
mA)
VCE=
−6V
Ta=100˚C
−40˚C
25˚C
Fig.6 Collector-emitter saturation
voltage vs. collector current (I)
−0.1
−0.2 −0.5 −1 −2
−5 −10 −20 −50 −100
−1
−0.5
−0.2
−0.05
Ta=25˚C
COLLECTOR CURRENT : IC (
mA)
IC/IB=
50
20
10
Fig.7 Collector-emitter saturation
voltage vs. collector current (II)
−0.1
−0.2 −0.5 −1 −2
−5 −10 −20
−50 −100
−1
−0.5
−0.2
−0.05
COLLECTOR CURRENT : IC (
mA)
lC/lB=10
Ta=100˚C
25˚C
−40˚C
Fig.8 Gain bandwidth product vs.
emitter current
50
100
0.5
20
50
100
200
500
1000
12
5
10
EMITTER CURRENT : IE (
mA)
Ta=25˚C
VCE
=
−12V
Fig.9 Collector output capacitance vs.
collector-base voltage
Emitter inputcapacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
−0.5
−20
2
5
10
−1
−2
−5
−10
20
Cib
Cob
Ta=25˚C
f=1MHz
IE=
0A
IC=
0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com