Electronic Components Datasheet Search
  English  ▼

X  

2SC3838 Datasheet(PDF) 2 Page - Rohm

Part # 2SC3838
Description  High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC3838 Datasheet(HTML) 2 Page - Rohm

  2SC3838 Datasheet HTML 1Page - Rohm 2SC3838 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC5662 / 2SC4726 / 2SC4083 /
Transistors
2SC3838K / 2SC4043S
2/2
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
fT
Cob
rbb'
⋅Cc
NF
20
11
3
−
−
1.4
−
−
−
−
−
−
−
3.2
0.8
−
−
−
0.5
0.5
−
1.5
V
V
V
µA
µA
−
GHz
pF
IC = 10
µA
IC
= 1mA
IE
= 10
µA
VCB
= 10V
VEB
= 2V
VCE(sat)
−−
0.5
V
IC/IB
= 10mA/5mA
VCE/IC = 10V/5mA
VCE
= 10V , IE = 10mA , f = 500MHz
2SC5662, 2SC4726,
2SC4083, 2SC3838K
2SC4043S
82
180
VCB = 10V , IE = 0A , f = 1MHz
VCB
= 10V , IC = 10mA , f = 31.8MHz
VCE
= 6V , IC = 2mA , f = 500MHz , Rg = 50
Ω
−
412
ps
−
3.5
−
dB
56
−
180
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
transfer ratio
Transition frequency
Output capacitance
Collector-emitter saturation voltage
Collector-base time constant
Noise factor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com