Electronic Components Datasheet Search
  English  ▼

X  

2SD1782K Datasheet(PDF) 2 Page - Rohm

Part # 2SD1782K
Description  Power Transistor (80V, 0.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1782K Datasheet(HTML) 2 Page - Rohm

  2SD1782K Datasheet HTML 1Page - Rohm 2SD1782K Datasheet HTML 2Page - Rohm 2SD1782K Datasheet HTML 3Page - Rohm 2SD1782K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD1782K
Transistors
Rev.A
2/3
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
80
80
5
−
−
120
−
−
−
−
−
−
−
−
−
0.2
120
7.5
−
−
−
0.5
0.5
390
0.5
−
−
VIC
=50
µA
IC
=2mA
IE
=50
µA
VCB
=50V
VEB
=4V
VCE
=3V, IC=100mA
IC/IB
=500mA/50mA
VCE
=10V, IE= −50mA, f=100MHz
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Transition frequency
Packaging specifications and hFE
Package
Code
T146
3000
Taping
Basic ordering
unit (pieces)
QR
hFE
2SD1782K
Type
hFE values are classified as follows :
Item
Q
hFE
120 to 270
R
180 to 390
Electrical characteristic curves
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
0.2
500
200
100
20
50
10
2
1
5
0.4
0.6
0.8
1.0
1.2
1.4
0
VCE
=3V
25
°C
−25°C
Ta
=100°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteristics
0
0.1
0.2
0.3
0.4
0.5
0
0.4
0.8
1.2
1.6
2.0
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
IB
=0mA
Ta
=25°C
COLLECTOR CURRENT : IC
(mA)
Fig.3
DC current gain vs. collector
current
1
10
20
50
100
200
500
1000
2
5
10
20
50 100 200
5001000
VCE
=3V
Ta
=100°C
25
°C
−25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com