Electronic Components Datasheet Search
  English  ▼

X  

2SD2144SW Datasheet(PDF) 2 Page - Rohm

Part # 2SD2144SW
Description  High-current Gain MediumPower Transistor (20V, 0.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2144SW Datasheet(HTML) 2 Page - Rohm

  2SD2144SW Datasheet HTML 1Page - Rohm 2SD2144SW Datasheet HTML 2Page - Rohm 2SD2144SW Datasheet HTML 3Page - Rohm 2SD2144SW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
233
Transistors
2SD2114K / 2SD2144S
FAbsolute maximum ratings (Ta = 25_C)
FElectrical characteristics (Ta = 25_C)
FPackaging specifications and hFE
hFE values are classified as follows :
FElectrical characteristic curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com