Electronic Components Datasheet Search
  English  ▼

X  

BA1449F Datasheet(PDF) 6 Page - Rohm

Part # BA1449F
Description  AM radio / FM IF stereo system IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA1449F Datasheet(HTML) 6 Page - Rohm

  BA1449F Datasheet HTML 1Page - Rohm BA1449F Datasheet HTML 2Page - Rohm BA1449F Datasheet HTML 3Page - Rohm BA1449F Datasheet HTML 4Page - Rohm BA1449F Datasheet HTML 5Page - Rohm BA1449F Datasheet HTML 6Page - Rohm BA1449F Datasheet HTML 7Page - Rohm BA1449F Datasheet HTML 8Page - Rohm BA1449F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
359
Audio ICs
BA1448S / BA1449F
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5V)
Signal source FM IF MPX: fIN = 10.7MHz, 1kHz modulation 22.5kHz dev (30%),
Signal source FM IF MPX fIN = 10.7MHz, 19kHz modulation 7.5kHz dev (10%)
Signal source AM IF MPX: fIN = 1000kHz, 1kHz modulation 30%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com