Electronic Components Datasheet Search
  English  ▼

X  

BA15532F Datasheet(PDF) 2 Page - Rohm

Part # BA15532F
Description  Dual high slew rate, low noise operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15532F Datasheet(HTML) 2 Page - Rohm

  BA15532F Datasheet HTML 1Page - Rohm BA15532F Datasheet HTML 2Page - Rohm BA15532F Datasheet HTML 3Page - Rohm BA15532F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 15V, VEE = - 15V)
2
Standard ICs
BA15532 / BA15532F / BA15532N
•Internal circuit configuration
+ IN
–IN
VCC
OUT
VEE
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input offset voltage
Input offset current
Input bias current
High-amplitude voltage gain
Common-mode input voltage
Maximum output voltage
Maximum output voltage
Common-mode rejection ratio
Power supply voltage rejection ratio
Quiescent current
Output short-circuit current
Slew rate
Voltage gain band width
Maximum frequency
Input conversion noise voltage
Channel separation
VIO
—
0.5
4
mV
IIO
—
10
150
nA
RL
10k
Ω
IB
—
200
800
nA
RL
10k
Ω
AV
80
94
—
dB
VICM
± 12
± 13
—
V
RL
10k
Ω
VOM
± 12
± 13
—
V
RL
600
Ω
VOM
± 15
± 16
—
V
CMRR
70
100
—
dB
RL
10k
Ω
PSRR
80
100
—
dB
IQ
—8
16
mA
IOS
—38—
mA
S. R.
—
8
—
GBW
—
20
—
MHz
fT
—
7
—
MHz
Vn
—
0.7
1.5
µV
CS
—
110
—
dB
V /
µs
RS = 50
Ω, RL 10kΩ
RL
600
Ω, VO = ± 10V
RS = 50
Ω, RL 10kΩ
RL =
∞, on All Op - Amps
AV = 1, RL = 600
Ω, CL = 100pF
CL = 100pF, RL = 600
Ω, f = 10kHz
RIAA, RS = 100
Ω, BW = 20Hz ~ 30kHz
RIAA, f = 1kHz
RL
600
Ω, VCC = 18V, VEE = – 18V
Parameter
Symbol
Limits
Unit
BA15532
BA15532F
BA15532N
Power supply voltage
Power dissipation
Differential input voltage
Common-mode input voltage
Operating temperature
Storage temperature
VCC
± 21
± 21
± 21
V
Pd
800∗
550∗
900∗
mW
VID
± 0.5
± 0.5
± 0.5
V
VI
– VCC ~ VCC
V
Topr
– 20 ~ + 75
– 20 ~ + 75
°C
Tstg
– 55 ~ + 125 – 55 ~ + 125
°C
– 20 ~ + 75
– 55 ~ + 125
∗ Refer to Pd characteristics diagram.
The values for the BA15532F are those when it is mounted on a glass epoxy board (50mm
× 50mm × 1.6mm).
–VCC ~ VCC
– VCC ~ VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com