Electronic Components Datasheet Search
  English  ▼

X  

BA1604F Datasheet(PDF) 3 Page - Rohm

Part # BA1604F
Description  PLL tone decoder IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA1604F Datasheet(HTML) 3 Page - Rohm

  BA1604F Datasheet HTML 1Page - Rohm BA1604F Datasheet HTML 2Page - Rohm BA1604F Datasheet HTML 3Page - Rohm BA1604F Datasheet HTML 4Page - Rohm BA1604F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
C1R1
214
Communication ICs
BA1604 / BA1604F
FMeasurement circuit
FApplication example
FAttached components
(1)
C1 and R1 : Setting f0
The center frequency (f0) is determined by the resistor R1
between Pins 5 and 6, and the capacitor C1 between Pin
6 and the ground. The constants at this point are deter-
mined as follows :
f0
(kHz) (C :
µ F, R : kΩ)
A rectangular-wave voltage is output at Pin 5; the peak-
to-peak amplitude is between VCC and 1.4 V, and the av-
erage DC value is VCC / 2. This pin can drive a load resis-
tance of up to 1k
Ω. (The recommended value for R1,
however, is from 2k
Ω to 20kΩ.)
A 1V peak-to-peak exponential function triangular wave
with an average DC voltage level of VCC / 2 is output at Pin
6. Since loading this pin adversely affects both the duty
cycle and the temperature stability of the oscillator, it
must only be connected to a high-impedance load.
(2)
C2 : Loop filter
Connected between Pin 2 and the ground, C2 functions
as a low pass filter for the PLL circuit, and the time
constant is determined by T2 = R2C2 (R2 is the internal im-
pedance for Pin 2, at 10 k
Ω). The value of C2 also deter-
mines the detection bandwidth. The voltage at Pin 2 va-
ries linearly at 20mV / % of f0 over the range 0.95 f0 to
1.05 f0.
(3)
C3 : Output filter
Capacitor C3, connected between Pin 1 and the ground,
is used as a low pass filter to suppress out-of-band sig-
nals. The time constant T3 is determined by T3 = R3C3 (R3
is the internal impedance for Pin 1, at 4.7k
Ω).
To prevent false detection of spurious signals, it is recom-
mended that C3
y 2 C2. If C3 is made too large, howev-
er, this will increase the time required for voltage changes
at Pin 1 to reach the threshold of the phase detector, thus
slowing the response time.
(4)
C4 : Input coupling capacitor
(5)
C5 : Power supply filter capacitor
FInput and output pins
(1)
Input : Pin 3
The input signal is applied through a coupling capacitor
to Pin 3. Internal circuits set this pin to a DC potential of
2V with respect to the ground. The input impedance is
approximately 20k
Ω.
(2)
Output : Pin 8
The output logic section has an internal power transistor
with its collector connected to Pin 8. The load is con-
nected between Pin 8 and VCC. The transistor saturates
when an in-band input signal is received, dropping the
potential at Pin 8 to less than 1V (0.6V Typ.). The output
can also drive a load connected to a separate supply volt-
age of up to 20V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com