Electronic Components Datasheet Search
  English  ▼

X  

BA3121F Datasheet(PDF) 5 Page - Rohm

Part # BA3121F
Description  Ground isolation amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3121F Datasheet(HTML) 5 Page - Rohm

  BA3121F Datasheet HTML 1Page - Rohm BA3121F Datasheet HTML 2Page - Rohm BA3121F Datasheet HTML 3Page - Rohm BA3121F Datasheet HTML 4Page - Rohm BA3121F Datasheet HTML 5Page - Rohm BA3121F Datasheet HTML 6Page - Rohm BA3121F Datasheet HTML 7Page - Rohm BA3121F Datasheet HTML 8Page - Rohm BA3121F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Vi =
R4
(R3
)R4)
S e2
eO =
*
R1
)R2
R1
S Vi
R2
R1
e1
)
eO =
*
R1
)R2
R1
S e2
R2
R1
e1
)
eO =
*
R1R4
*R2R3
R1 (R3
)R4)
S e2
R2
R1
S (e1*e2) )
R4
(R3
)R4)
S
1
2
721
Audio ICs
BA3121 / BA3121F / BA3121N
FCircuit operation
Car-audio systems are earthed to the car body, and for
this reason, electrical noise generated by the car elec-
trics can enter the power amplifier input via the chassis,
and become audible.
The BA3121 makes use of the common-mode rejection
characteristics of an operational amplifier to eliminate
this noise. Without the BA3121 noise enters the power
amplifier input directly, when used, the CMMR of opera-
tional amplifiers 1-A and 2-A eliminates the noise.
Principles of noise elimination:
To obtain the output voltage (eO)
From 1 and 2
Ideally, if R1R4 = R2R3, and e1 = e2, the noise voltage will
become zero. However, due to mismatching between the
resistors, difference in the noise voltages (e1 and e2), and
tolerances in the operational amplifier, a noise voltage
does result.
With the BA3121, the elimination level of the noise is ex-
pressed as: CMMR = 20log (eO /ei) (ei = e1 = e2)
Therefore, CMRR
y 41dB can be guaranteed.
FOperation notes
(1)
Maintain a ratio of 2: 1 for the values of the capaci-
tors connected to pin 2 (Vm1) and pin 6 (Vm2) to keep the
ripple rejection ratio stable. If this ratio is maintained, the
ripple rejection ratio will not vary significantly even if the
capacitance values are halved.
(2)
If the value of the capacitor connected to pin 2 (Vm1)
in the example is doubled, the bass-region CMMR will be
+6dB, and if it is halved, it will be
*6dB (see Fig. 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com