Electronic Components Datasheet Search
  English  ▼

X  

BA3257FPHFP Datasheet(PDF) 2 Page - Rohm

Part # BA3257FPHFP
Description  Dual Low Drop Out Regulator Ceramic Capacitor Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3257FPHFP Datasheet(HTML) 2 Page - Rohm

  BA3257FPHFP Datasheet HTML 1Page - Rohm BA3257FPHFP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
Electrical characteristics (Unless otherwise noted; Ta=25˚C, Vcc=5V, R1=R2=5kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
Line regulation 1,2
Load regulation 1,2
[3.3V output]
Output voltage
Dropout voltage
Output current
[Variable output]
Reference voltage
Dropout voltage
Output current
Io1=0mA, Io2=0mA
Vcc=4.75 → 14V, Io1=5mA
Io2=5mA → 1A
Io1=50mA
Io1=1A
Io2=50mA
Io2=1A, R1=8.2kΩ, R2=5kΩ
Ib
∆
VLINE1,2
∆
VLOAD1,2
Vo1
∆
VD1
Io1
Vref
∆
VD2
Io2
-
-
-
3.234
-
1.0
1.225
-
1.0
3
5
5
3.300
1.1
-
1.250
1.1
-
5
15
20
3.366
1.3
-
1.275
1.3
-
mA
mV
mV
V
V
A
V
V
A
VREF
Thermal
Shutdown
Current
Limit
Current
Limit
1
2
5
4
ADJ
ADJ
GND
VIN
VCC
VO2
VOUT2=VREF X (1+R1/R2)+IADJ X R1
VO1
3.3V
3.3µF
CIN
1µF
CO2
1µF
CO1
R2
R1
FIN
BA3257FP/HFP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com