Electronic Components Datasheet Search
  English  ▼

X  

BA3258FP Datasheet(PDF) 1 Page - Rohm

Part # BA3258FP
Description  Dual Low Drop Out Regulator Ceramic Capacitor Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3258FP Datasheet(HTML) 1 Page - Rohm

  BA3258FP Datasheet HTML 1Page - Rohm BA3258FP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Applications
Dimension (Unit : mm)
∗1
Derating : 18.4mW/˚C for operation above Ta=25˚C PCB (70mmx70mm, t=1.6mm) glass epoxy mounting.
∗2
Derating : 10.4mW/˚C for operation above Ta=25˚C PCB (70mmx70mm, t=1.6mm) glass epoxy mounting.
BA3258FP
BA3258HFP
TO252-5
HRP-5
6.5±0.2
1
2
3
5
4
0.5
1.27
0.5±0.1
2.3±0.2
0.5±0.1
5.1
+
0.2
−
0.1
2-C0.5
1.0±0.2
9.39±0.125
0.73±0.1
0.27
1.905±0.1
1.2575
1
2
3
4
5
(5.59)
8.82±0.1
S
S
D 0.08
1.72
+
0.1
−
0.05
4.5° + 5.5°
−
4.5°
BA3258FP/HFP
Absolute Maximum Ratings (Ta=25˚C)
Power supply voltage
Power
dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
VCC
Pd
HRP-5
TO252-5
Topr
Tstg
+85
+150
0
-55
~
~
mW
˚C
˚C
15
2300
V
Power supply voltage
VCC
-
4.75
14.0
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
∗
1
1300
∗
2
1) 3.3V/1A and 1.5V/1A
2) Output ceramic capacitor available
3) Output voltage accuracy :+/-2%
4) Built-in over-current and thermal protection circuit
5) TO252-5 package and HRP-5 package
HDD/DVD
Dual Low Drop Out Regulator
Ceramic Capacitor Available


Similar Part No. - BA3258FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
307Kb / 9P
Dual Output Secondary Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP Datasheet
407Kb / 18P
Dual Output Fixed Output LDO Regulators
BA3258HFP-TR ROHM-BA3258HFP-TR Datasheet
407Kb / 18P
Dual Output Fixed Output LDO Regulators
More results

Similar Description - BA3258FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Rohm
BA3257FPHFP ROHM-BA3257FPHFP Datasheet
215Kb / 2P
Dual Low Drop Out Regulator Ceramic Capacitor Available
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ELMOS Semiconductor AG
E522.40B ELMOS-E522.40B Datasheet
167Kb / 2P
Dual Low Drop Out Voltage Regulator with Digital Diagnosis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com