Electronic Components Datasheet Search
  English  ▼

X  

BA3306 Datasheet(PDF) 1 Page - Rohm

Part # BA3306
Description  Dual preamplifier with ALC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3306 Datasheet(HTML) 1 Page - Rohm

  BA3306 Datasheet HTML 1Page - Rohm BA3306 Datasheet HTML 2Page - Rohm BA3306 Datasheet HTML 3Page - Rohm BA3306 Datasheet HTML 4Page - Rohm BA3306 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
201
Audio ICs
Dual preamplifier with ALC
BA3306
The BA3306 is a dual preamplifier with ALC designed for use in stereo radio-cassette recorders and tape recorders. It
comes in a compact 9-pin SIP package and has two record / playback preamplifiers, and an ALC circuit. The preamplifi-
ers have high gain and low distortion, and can be directly coupled to the tape head without coupling capacitors. This
prevents tape head magnetization and “pop” noise generation.
The ALC circuit has good channel balance and large dynamic range and can be constructed with addition of just an exter-
nal detector and time constant circuit.
The IC also includes a power-on mute circuit that suppresses “pop” noise generation.
FApplications
Stereo radio cassette players
FFeatures
1) Wide operating power supply voltage range
(VCC = 4.5V to 14V).
2) Low current dissipation (IQ = 2.5mA).
3) High gain (GVO = 80dB).
4) Low distortion (THD = 0.1%).
5) Low noise (VNIN = 1
µVrms).
6) Input coupling capacitors and not necessary.
7) Good ALC channel balance.
8) Power-on mute circuit.
FBlock diagram
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - BA3306

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
121Kb / 3P
Monolithic IGs
More results

Similar Description - BA3306

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
Dual preamplifier with ALC
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
Dual preamplifier with ALC detector circuit
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
250Kb / 7P
DUAL PREAMPLIFIER WITH ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
3V DUAL PREAMPLIFIER WITH ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
DUAL PREAMPLIFIER WITH ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
DUAL PREAMPLIFIER WITH ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
DUAL PREAMPLIFIER WITH ALC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com