Electronic Components Datasheet Search
  English  ▼

X  

BA3308 Datasheet(PDF) 4 Page - Rohm

Part # BA3308
Description  Dual preamplifier with ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308 Datasheet(HTML) 4 Page - Rohm

  BA3308 Datasheet HTML 1Page - Rohm BA3308 Datasheet HTML 2Page - Rohm BA3308 Datasheet HTML 3Page - Rohm BA3308 Datasheet HTML 4Page - Rohm BA3308 Datasheet HTML 5Page - Rohm BA3308 Datasheet HTML 6Page - Rohm BA3308 Datasheet HTML 7Page - Rohm BA3308 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
196
Audio ICs
BA3308 / BA3308F / BA3308FV
FTotal application circuit
FCircuit operation
(1)
Recording
(1) Recording amplifier (See Fig. 5)
The channel 1 and 2 amplifier input stages of the BA3308
(pins 8 and 2) can be direct-coupled, and the input cou-
pling capacitors C1 and C2 are not particularly required.
The voltage gain of the recording amplifier is given by GV
= R5 /R3, but as a “pop” noise is generated when power
is applied, (see “operation notes”), use the time constant
circuit values given for C3 and R3 (C4 and R4) in the ap-
plication example circuit diagram, or values close to
these, and adjust the voltage gain with R5 (R6). R5 (R6) is
also the DC bias feedback resistor, and is connected be-
tween pin 3 (7), and the output capacitor C5 (C6).
(2) ALC (See Fig. 6)
The BA3308 includes a signal rectifier block and elec-
tronic potentiometers required for the ALC. In the signal
rectifier block, a comparator compares the DC output
voltage component of the output stage signal (pins 3 and
7) to a voltage of 4.5VF (1VF is about 0.7V, so 4.5VF is
approximately 3V), and if it is above this, the comparator
switches on, and charges the smoothing capacitor C7.
The operating point of the amplifier’s ch1 and ch2 output
stages is fixed at 3VF, so when the signal output voltage
is 1.5VF (an effective value of approximately 0.75V), the
comparator goes on, DC signals for electronic poten-
tiometer control are generated, and the ALC starts oper-
ating.
The electronic potentiometers are connected between
the input lines (pins 2 and 8) and GND, and the input sig-
nals is attenuated by the ratio of the electronic potentiom-
eter resistances and the external resistors R1 and R2. The
range of the ALC can be varied by the values of R1 and
R2, but if they are too large the S / N ratio will worsen. Suf-
ficient ALC range should be obtained with R1 and R2 val-
ues of around several kohms. C7 and R7 connected to pin
5 set the ALC attack and recovery times. The larger the
values of these constants, the longer the recovery time,
and the smaller the value of C7 the shorter the attack
time.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com