Electronic Components Datasheet Search
  English  ▼

X  

BA3308F Datasheet(PDF) 5 Page - Rohm

Part # BA3308F
Description  Dual preamplifier with ALC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3308F Datasheet(HTML) 5 Page - Rohm

  BA3308F Datasheet HTML 1Page - Rohm BA3308F Datasheet HTML 2Page - Rohm BA3308F Datasheet HTML 3Page - Rohm BA3308F Datasheet HTML 4Page - Rohm BA3308F Datasheet HTML 5Page - Rohm BA3308F Datasheet HTML 6Page - Rohm BA3308F Datasheet HTML 7Page - Rohm BA3308F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
197
Audio ICs
BA3308 / BA3308F / BA3308FV
(2)
Playback (See Fig. 7)
During playback, the ch1 and ch2 amplifiers are used as
NAB equalizer amplifiers, and time constant circuits are
connected between pins 1 and 3, and 7 and 9 in the nega-
tive-feedback section to give the NAB characteristics.
The voltage gain is given by:
GV =
R11
) R9/ (I ) jϖC9 S R9) /R3
In the same way as for recording, the NAB time constant
circuit is adjusted to give the required gain (to prevent
generation of a “pop” noise when power is applied). The
output stage (pins 3 and 7) operating point is fixed at 3VF.
Therefore, as indicated in the VMax. vs, VCC characteristic
(see Fig. 19), even if the VCC voltage is made larger than
5V, the maximum output voltage will not exceed 1.2V
(typ.). The ALC circuit is not required for playback, so pin
5 is grounded. The S / N ratio during playback is better if
the external resistors R1 and R2 that are connected to the
input pins (2 and 8) for recording are switched out.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com