Electronic Components Datasheet Search
  English  ▼

X  

BA336 Datasheet(PDF) 5 Page - Rohm

Part # BA336
Description  Mute detector IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA336 Datasheet(HTML) 5 Page - Rohm

  BA336 Datasheet HTML 1Page - Rohm BA336 Datasheet HTML 2Page - Rohm BA336 Datasheet HTML 3Page - Rohm BA336 Datasheet HTML 4Page - Rohm BA336 Datasheet HTML 5Page - Rohm BA336 Datasheet HTML 6Page - Rohm BA336 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1
CF =
0.4
πfC (kHz)
(
µF)
730
Audio ICs
BA336 / BA338 / BA338L
FApplication example
FAttached components (see Fig. 3)
(1)
Input coupling capacitor CIN and resistor RIN (Pin 3)
This capacitor is for coupling a pre-amp to the
BA336 / BA338 / BA338L.
If the DC level of the pre-amp output is GND, the coupling
capacitor can be omitted. If a coupling capacitor is con-
nected, Pin 3 must be connected to GND through a resis-
tor. If the resistor between Pin 3 and GND is too large, an
offset will occur due to a voltage drop caused by the input
current, and the input decision level will change. We rec-
ommend 10k
Ω or less. The input decision level of the
BA336 / BA338 / BA338L is highly sensitive at
*52dBm.
In the application example, the pre-stage output is di-
vided to adjust the sensitivity and increase the input im-
pedance. Furthermore, the low cutoff frequency fc is de-
termined by the input circuit time constant or the Pin 4
time constant, whichever is smaller. As it is better to de-
termine fc by the Pin 4 CF when the power is turned on,
we recommend making the time constant of the input cir-
cuit larger than that of Pin 4.
(2)
DC cutoff capacitor in feedback circuit CF (Pin 4)
This determines the low cutoff frequency fC. The relation
of CF and fC is as follows :
If CF = 1
µF, fC
800Hz.
The larger CF is, the more time it will take for the circuit
to stabilize when the power is turned on.
(3)
Muting capacitor for power up CM (Pin 6)
After the power is turned on, this capacitor stops song
selection until the circuit stabilizes. If the value of CF is
large, a large CM will also be necessary. CM must be
greater than CF. Also, if it takes longer for the external cir-
cuit to stabilize, select CM based on the external circuit.
The relation between CM and the muting time is as fol-
lows :
TM 30CM (
µF)
(4)
Noise filter capacitor CN (Pin 7)
This capacitor prevents errors due to pulse noise.
When an input signal is shorter than the time determined
by TN = CN (
µF) ms (BA338 / BA338L) or TN = 20CN (µF)
ms (BA336), the IC will not respond and an output pulse
will not be generated. If pulse noise appears continuous-
ly at the input, the effectiveness of the noise filter will be
decreased. If it is likely that continuous noise will appear,
attach a discharge resistor RN between Pin 7 and GND
(RN
y 30kΩ).
There are differences in the noise filter functions of the
BA336 and the BA338 / BA338L. Refer to the section,
“Differences between the noise filters of the BA336 and
BA338 / BA338L”.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com