Electronic Components Datasheet Search
  English  ▼

X  

BA3571 Datasheet(PDF) 4 Page - Rohm

Part # BA3571
Description  Headphone driver for portable CD players
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3571 Datasheet(HTML) 4 Page - Rohm

  BA3571 Datasheet HTML 1Page - Rohm BA3571 Datasheet HTML 2Page - Rohm BA3571 Datasheet HTML 3Page - Rohm BA3571 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BA3571F
Audio ICs
!
!
!
!Application example
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Pre
GND
39k
50k
BB SW
GND
VCC
RF1
VCC
GND
5.1k
10k
100k
100k
VCC
4.7k
LINE OUT
10k
4.7k
LINE OUT
1
µ
0.1
µ
2.2
µ
0.1
µ
0.22
µ
220
µ
220
µ
33
µ
33
µ
1
µ
++
+
+
+
+
+
+
Resistors
Capacitors
Capacitors (electrolytic)
:
Ω (±5%)
: F (±10%)
: F (±20%)
Units
Fig. 2
!
!
!
!Electrical characteristic curve
!
!
!
!External dimensions
(Units: mm)
100
1k
-10
0
10
20
30
10k
BB OFF
BB ON
FREQUENCY : f (Hz)
Fig. 3 Voltage gain vs. frequency
SOP20
BA3571F
0.4±0.1
1.27
0.3Min.
12.5±0.2
1
20
11
10
0.15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com