Electronic Components Datasheet Search
  English  ▼

X  

BA3708F Datasheet(PDF) 4 Page - Rohm

Part # BA3708F
Description  Mute detector IC for 3V sets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3708F Datasheet(HTML) 4 Page - Rohm

  BA3708F Datasheet HTML 1Page - Rohm BA3708F Datasheet HTML 2Page - Rohm BA3708F Datasheet HTML 3Page - Rohm BA3708F Datasheet HTML 4Page - Rohm BA3708F Datasheet HTML 5Page - Rohm BA3708F Datasheet HTML 6Page - Rohm BA3708F Datasheet HTML 7Page - Rohm BA3708F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
741
Audio ICs
BA3708F
FCircuit operation
(1)
Input amplifier
The input amplifier is a PNP differential amplifier, and the
input pin (Pin 3) must be directly connected to ground
through a 10k
Ω or less bias resistor (RIN). If RIN is too
large, an input offset may occur and operation will be-
come unstable. The gain and frequency characteristics
of the amplifier are determined by CIN and RIN connected
to the input pin (Pin 3), and CNF and RNF connected to the
NFB pin (Pin 4). (Figure 3)
(2)
Timing
An output pulse of width TW is generated from the output
pin (Pin 7) after the pulse delay time TD which begins
when the input signal ends. The values of TD and TW are
determined by the RC time constants of Pin 2 and Pin 1.
TD (ms) 1.7
CD (
µF) RD (kΩ)
TW (ms) 1.6
CW (
µF) RW (kΩ)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com