Electronic Components Datasheet Search
  English  ▼

X  

BA3899F Datasheet(PDF) 3 Page - Rohm

Part # BA3899F
Description  EL driver for portable sets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3899F Datasheet(HTML) 3 Page - Rohm

  BA3899F Datasheet HTML 1Page - Rohm BA3899F Datasheet HTML 2Page - Rohm BA3899F Datasheet HTML 3Page - Rohm BA3899F Datasheet HTML 4Page - Rohm BA3899F Datasheet HTML 5Page - Rohm BA3899F Datasheet HTML 6Page - Rohm BA3899F Datasheet HTML 7Page - Rohm BA3899F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Standard ICs
BA3899F
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5.0V, C1 = 0.033µF, C2 = 1500pF)
Parameter
Symbol
Min.
Typ.
Supply current
ICC
mA
When used as stand-alone unit
3.0
4.6
6.2
C1 pin oscillation frequency
fSW1
Hz
75
95
120
C2 pin oscillation frequency
fSW2
kHz
17
23
29
Source current
SW1
SW2
Standby pin control
voltage condition
ISW1SO
µAVC1 = 1.0V, VC2 = 0.05V, VSW1 = 0V
100
140
180
Sink current
ISW1SI
µAVC1 = 0.05V, VC2 = 0.05V, VSW1 = 1.0V
– 40
—
—
Source current
ISW2SO
mA
VC1 = 0.05V, VC2 = 0.05V, VSW2 = 0V
3.2
4.4
6.1
Pull-down resistance
RSW2
Ω
Vst = 0.35V, VSW2 = 0.3V
400
500
600
Operating
VSTON
V
1.0
—
—
—
—
—
—
—
Non-operating
VSTOFF
V
—
—
0.3
Quiescent current in standby state
IQ (ST)
µA
—
0
2.0
Max.
Unit
Conditions
•Measurement circuit
2
ISW1
VSW1
fSW1
VCC
Counter
VC1
0.033
µF
IQ
VSTBY
8
VC2
1500pF
± 1%
± 1%
1
ISW2
VSW2
fSW2
Counter
7
3
4
STBY
OSC2
OSC1
RSW2
Fig.1
A
A
A
6
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com