Electronic Components Datasheet Search
  English  ▼

X  

BA4510F Datasheet(PDF) 2 Page - Rohm

Part # BA4510F
Description  Dual high slew rate operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4510F Datasheet(HTML) 2 Page - Rohm

  BA4510F Datasheet HTML 1Page - Rohm BA4510F Datasheet HTML 2Page - Rohm BA4510F Datasheet HTML 3Page - Rohm BA4510F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Standard ICs
BA4510F / BA4510FV
•Internal circuit configuration
VCC
VEE
R2
R3
A
R1
Q7
Q1
– IN
+ IN
Q2
OUT
R4
X3
X2
Q8
R5
Q9
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
± 5V
Power dissipation
BA4510F
BA4510FV
550∗1 (SOP)
350∗2 (SSOP)
mW
Differential input voltage
VID
± VCC
V
Common-mode input voltage
VI
0 ~ VCC
V
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Pd
– 20 ~ + 75
– 40 ~ + 125
∗1 If used at temperatures higher than 25°C, reduce power by 5.5mW for each 1°C above Ta = 25°C.
This value is the value measured when mounted on a glass epoxy board (50mm
× 50mm × 1.6mm).
∗2 If used at temperatures higher than 25°C, reduce power by 3.5mW for each 1°C above Ta = 25°C.
This value is the value measured when mounted on a glass epoxy board (70mm
× 70mm × 1.6mm).
The value is 300mW when the IC is used alone.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com