Electronic Components Datasheet Search
  English  ▼

X  

BA4558F Datasheet(PDF) 3 Page - Rohm

Part # BA4558F
Description  Dual operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 3 Page - Rohm

  BA4558F Datasheet HTML 1Page - Rohm BA4558F Datasheet HTML 2Page - Rohm BA4558F Datasheet HTML 3Page - Rohm BA4558F Datasheet HTML 4Page - Rohm BA4558F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BA4558 / BA4558F / BA4558N
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = + 15V, VEE = – 15V)
Parameter
Symbol
Typ.
Max.
Unit
Input offset voltage
VIO
—
0.5
6.0
mV
RS
10k
Ω
Input offset current
IIO
—
5
200
nA
Input bias current
IB
—
60
500
nA
High-amplitude voltage gain
AV
86
100
—
dB
Common-mode input voltage
VICM
± 12
± 14
—
V
Maximum output voltage
VOH
± 12
± 14
—
V
RL
10k
Ω
Minimum output voltage
VOL
± 10
± 13
—
V
RL
2k
Ω
Common-mode rejection ratio
CMRR
70
90
—
dB
RS
10k
Ω
Power supply voltage rejection ratio
PSRR
—
30
150
µV / V
RS
10k
Ω
Slew rate
S.R.
—
1.0
—
V /
µs
Channel separation
CS
—
105
—
dB
f = 1kHz
Conditions
Min.
RL
2k
Ω, VO = ± 10V
AV = 1, RL
2k
Ω
•Electrical characteristic curves
Fig.1 Power dissipation vs. ambient
temperature
AMBIENT TEMPERATURE: Ta (
°C)
1200
1000
800
600
400
200
0
0
25
50
75 85 100
125
150
BA4558N
BA4558F
BA4558
4
5
3
2
0
± 10
± 20
POWER SUPPLY VOLTAGE: V± (V)
Fig.2 Quiescent current vs. power
supply voltage
1M
10M
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
FREQUENCY: f (Hz)
Fig.3 Open loop voltage gain vs.
frequency
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
FREQUENCY: f (Hz)
Fig.4 Maximum output voltage vs.
frequency
100
80
60
40
– 20
0
20406080
AMBIENT TEMPERATURE: Ta (
°C)
Fig.5 Input bias current vs. ambient
temperature
100
75
50
25
010
20
30
40
POWER SUPPLY VOLTAGE: V+ (V)
Fig.6 Input bias current vs. power
supply voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com