Electronic Components Datasheet Search
  English  ▼

X  

BA5415 Datasheet(PDF) 1 Page - Rohm

Part # BA5415
Description  High-output dual power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5415 Datasheet(HTML) 1 Page - Rohm

  BA5415 Datasheet HTML 1Page - Rohm BA5415 Datasheet HTML 2Page - Rohm BA5415 Datasheet HTML 3Page - Rohm BA5415 Datasheet HTML 4Page - Rohm BA5415 Datasheet HTML 5Page - Rohm BA5415 Datasheet HTML 6Page - Rohm BA5415 Datasheet HTML 7Page - Rohm BA5415 Datasheet HTML 8Page - Rohm BA5415 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
395
Audio ICs
High-output dual power amplifier
BA5415A / BA5416
The BA5415A and BA5416 are dual power amplifier ICs that operate off a 9V to 15V supply. When driving a 4
Ω load
off a 9V supply, the BA5415A does not require a heatsink. The BA5416 uses a lost-cost package. The basic characteris-
tics (total harmonic distortion etc.) of the amplifiers are excellent, and both ICs include a standby switch function.
FApplications
Radio cassette players.
FFeatures
1) High output.
POUT = 5.4W (VCC = 12V, RL = 3
Ω and THD = 10%)
POUT = 2.5W (VCC = 9V, RL = 4
Ω and THD = 10%)
2) Excellent audio quality.
THD = 0.1% (f = 1kHz, PO = 0.5W)
VNO = 0.3mVrms (Rg = 10k
Ω)
RR = 60dB (fRR = 100Hz)
3) Wide operating power suppy voltage range.
VCC = 5.0V to 18.0V (BA5416: 5.0V to 15.0V)
4) Switching noise (“pop” noise) generated when the
power is switched on and off is small.
5) Ripple mixing when motor starts has been pre-
vented.
6) Built-in thermal shutout.
7) Built-in standby switch. Output is not influenced by
the standby pin voltage.
8) “On” mute time does not depend on VCC.
9) Soft clipping.
10) Heatsink not required (for BA5415A, with VCC = 9V
and RL
y 4Ω).
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA5415

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5410 ROHM-BA5410 Datasheet
284Kb / 6P
12 V-5.2 W dual channel power amplifier
logo
List of Unclassifed Man...
BA5412 ETC2-BA5412 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA5412 ROHM-BA5412 Datasheet
497Kb / 9P
Silicon Monolithic Integrated Circuit
logo
List of Unclassifed Man...
BA5413 ETC1-BA5413 Datasheet
29Kb / 1P
5.4w low frequency wave field amplifier
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
More results

Similar Description - BA5415

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
Dual, High Output, Video Amplifier
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com