Electronic Components Datasheet Search
  English  ▼

X  

BA5941FP Datasheet(PDF) 7 Page - Rohm

Part # BA5941FP
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5941FP Datasheet(HTML) 7 Page - Rohm

  BA5941FP Datasheet HTML 1Page - Rohm BA5941FP Datasheet HTML 2Page - Rohm BA5941FP Datasheet HTML 3Page - Rohm BA5941FP Datasheet HTML 4Page - Rohm BA5941FP Datasheet HTML 5Page - Rohm BA5941FP Datasheet HTML 6Page - Rohm BA5941FP Datasheet HTML 7Page - Rohm BA5941FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
630
Optical disc ICs
BA5941FP
FOperation notes
(1)
The BA5941FP contains a thermal shutdown cir-
cuit.
When the chip temperature reaches 175
_C (Typ.), the
output current is muted.
(2)
By having the mute pin (pin 9) voltage open or low-
ered to 0.5V or below, the output currents can be muted.
For normal conditions, have the voltage at pin 9 pull-up
to 2V.
(3)
If the voltage of the bias pin (pin 2) drops below 1.4V
(Typ.), outputs are muted.
For normal conditions, have the voltage above 1.8V.
(4)
If the voltage of the thermal shutdown, mute ON, or
bias pin drops, the mute is activated; however, in these
situations, only the drivers are muted.
Also, the output pin voltage becomes the internal bias
voltage (approx. VCC
*VF/2).
(5)
Connect a bypass capacitor (approx. 0.1
µF) be-
tween the bases of the power supply pins of this IC.
(6)
Even though the radiation fins are connected to
ground within the package, be sure to also connect them
to a ground externally as well.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com