Electronic Components Datasheet Search
  English  ▼

X  

BA5961FV Datasheet(PDF) 5 Page - Rohm

Part # BA5961FV
Description  Power driver for CD player
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5961FV Datasheet(HTML) 5 Page - Rohm

  BA5961FV Datasheet HTML 1Page - Rohm BA5961FV Datasheet HTML 2Page - Rohm BA5961FV Datasheet HTML 3Page - Rohm BA5961FV Datasheet HTML 4Page - Rohm BA5961FV Datasheet HTML 5Page - Rohm BA5961FV Datasheet HTML 6Page - Rohm BA5961FV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA5961FV
Optical disc ICs
5/7
!
!
!
!
Measuring circuit
NF
OPB
RL
OPIN
OPRL
7
6
5
4
3
2
1
10
9
8
14
15
16
17
18
19
20
11
12
13
OPBIAS
VBIAS
1M
10k
VBOP
VOOP
ISI
ISO
VIOF
VIN
V
V
V
V
1
2
3
1
2
2
3
1
1
2
10k
3
1M
1.65V
Fig.1
IQ
0.1
µ
0.1
µ
0.1
µ
VO
8
VCC=5V
VST
BA5961FV
A
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com