Electronic Components Datasheet Search
  English  ▼

X  

BA5973FP Datasheet(PDF) 3 Page - Rohm

Part # BA5973FP
Description  3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5973FP Datasheet(HTML) 3 Page - Rohm

  BA5973FP Datasheet HTML 1Page - Rohm BA5973FP Datasheet HTML 2Page - Rohm BA5973FP Datasheet HTML 3Page - Rohm BA5973FP Datasheet HTML 4Page - Rohm BA5973FP Datasheet HTML 5Page - Rohm BA5973FP Datasheet HTML 6Page - Rohm BA5973FP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
703
Optical disc ICs
BA5973FP
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 12V, PVCC = 5V, f = 1kHz, RL = 8Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com