Electronic Components Datasheet Search
  English  ▼

X  

BA5995FM Datasheet(PDF) 5 Page - Rohm

Part # BA5995FM
Description  BTL driver for CD/CD-ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5995FM Datasheet(HTML) 5 Page - Rohm

  BA5995FM Datasheet HTML 1Page - Rohm BA5995FM Datasheet HTML 2Page - Rohm BA5995FM Datasheet HTML 3Page - Rohm BA5995FM Datasheet HTML 4Page - Rohm BA5995FM Datasheet HTML 5Page - Rohm BA5995FM Datasheet HTML 6Page - Rohm BA5995FM Datasheet HTML 7Page - Rohm BA5995FM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BA5995FM
Optical disc ICs
5/8
!
!
!
!
Measurement circuit
OPOUT
OPIN
−
OPIN
+
15
16
17
18
19
20
21
22
OPOUT
OPIN
−
OPIN
+
IQ
VBIAS
1.65V
12V
0.1
µF
23
24
25
26
27
28
8
Ω
VO
VO
VO
VO
RL
NF
OPB
OPRL
8
Ω
5V
VST1
0.1
µF
RL
A
14
13
12
11
10
9
8
7
OPOUT
OPIN
−
OPIN
+
6
5
4
3
2
1
8
Ω
RL
8
Ω
5V
0.1
µF
RL
VST2
VMT
VIN
VIN
1
2
VOOP
IL
1M
VBOP−
VOFOP
V
V
V
V
V
V
V
V
1
2
3
1M
VBOP+
1.65V
2
1
Fig.1
Resistor unit : [
Ω]
5V
0.1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com