Electronic Components Datasheet Search
  English  ▼

X  

BA612 Datasheet(PDF) 4 Page - Rohm

Part # BA612
Description  5-channel high current driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA612 Datasheet(HTML) 4 Page - Rohm

  BA612 Datasheet HTML 1Page - Rohm BA612 Datasheet HTML 2Page - Rohm BA612 Datasheet HTML 3Page - Rohm BA612 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Standard ICs
BA612
OUT
BA612
VCC
IN
IL
7
26V
Fig.10
•Measurement circuit
•Application example
BA612
circuit
VCC
PMOS
GATE
Fig.12
1
5
OUT
IOUT
VOUT (sat)
IN
IIN
17V
VIN
7
BA612
Fig.11
DIP14
19.4
± 0.3
0.5
± 0.1
14
8
7
1
0.3 ± 0.1
7.62
0
° ~ 15°
2.54
•External dimensions (Units: mm)
Connections should be made as shown in Figure 12 if
inductive load is being driven.
A clamp diode has to be added in series with the load
to suppress surges in the inductive load.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com