Electronic Components Datasheet Search
  English  ▼

X  

BA6129AF Datasheet(PDF) 8 Page - Rohm

Part # BA6129AF
Description  Reset IC with battery backup function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6129AF Datasheet(HTML) 8 Page - Rohm

  BA6129AF Datasheet HTML 1Page - Rohm BA6129AF Datasheet HTML 2Page - Rohm BA6129AF Datasheet HTML 3Page - Rohm BA6129AF Datasheet HTML 4Page - Rohm BA6129AF Datasheet HTML 5Page - Rohm BA6129AF Datasheet HTML 6Page - Rohm BA6129AF Datasheet HTML 7Page - Rohm BA6129AF Datasheet HTML 8Page - Rohm BA6129AF Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Memory ICs
BA6129AF / BA6162 / BA6162F
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RRES = 10k
Ω
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 4 CS output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RRES = 10k
Ω
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 5 CSB output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
RRES = 10k
Ω
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 6 Reset output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
VBAT = 3V
RO = 200k
Ω
RRES = 10k
Ω
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 7 Output voltage vs. power
supply voltage
OUTPUT CURRENT: IO (mA)
Fig. 8 Output voltage vs. output
current (!) (when power
supply is detected)
0
20406080
100
4.8
4.2
4.4
4.6
5.0
VCC = 5V
VBAT = 3V
RRES = 10k
Ω
VRES = VCC
0
50
100
150
200
250
2.9
2.8
2.7
2.6
VCC = GND
VBAT = 3V
VRES = VCC
RRES = 10k
Ω
OUTPUT CURRENT: IO (
µA)
Fig. 9 Output voltage vs. output
current (@) (when using
battery backup)
VBAT = 3V
RRES = 10k
Ω
VRES = VCC
10
9
8
7
6
5
4
3
2
1
0123456789
10
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 10 CS output voltage vs.
power supply voltage
VBAT = 3V
RRES = 10k
Ω
VRES = VCC
9
8
7
6
5
4
3
2
1
0123456789
10
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 11 CSB output voltage vs.
power supply voltage
10
9
8
7
6
5
4
3
2
1
0123456789
10
RRES = 10k
Ω
VRES = VCC
POWER SUPPLY VOLTAGE: VCC (V)
Fig. 12 Reset output voltage vs.
power supply voltage
•Electrical characteristic curves (BA6129AF)
•Electrical characteristic curves (BA6162 / F)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com