Electronic Components Datasheet Search
  English  ▼

X  

BA6162F Datasheet(PDF) 6 Page - Rohm

Part # BA6162F
Description  Reset IC with battery backup function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6162F Datasheet(HTML) 6 Page - Rohm

  BA6162F Datasheet HTML 1Page - Rohm BA6162F Datasheet HTML 2Page - Rohm BA6162F Datasheet HTML 3Page - Rohm BA6162F Datasheet HTML 4Page - Rohm BA6162F Datasheet HTML 5Page - Rohm BA6162F Datasheet HTML 6Page - Rohm BA6162F Datasheet HTML 7Page - Rohm BA6162F Datasheet HTML 8Page - Rohm BA6162F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Memory ICs
BA6129AF / BA6162 / BA6162F
•Circuit operation
These ICs have two distinct functions, a logic output function and a power supply switching function.
The logic output circuit consists of the following:
(1) Reset output (NPN Tr open collector)
(2) CS output
(PNP Tr open collector + pull-down resistor)
(3) CSB output
(NPN Tr open collector + pull-up resistor)
The power supply switching circuit consists of a PNP
power transistor and an SBD (Schottky barrier diode).
The normal power supply VCC and the battery backup
power supply (VBAT) are both connected to the switch-
ing circuit. When the PNP power transistor is turned on
and off, the IC power is switched from the normal
power supply to the battery backup power supply, and
vice versa.
The power supply voltage detection circuit consists of a
standard voltage source VREF and a hysteresis com-
parator. The power supply VCC is detected using a split
resistance. When the power supply voltage drops
below the detection voltage (BA6129AF: VS = 3.5Vtyp.
when VCC drops and VS + 0.1Vtyp. when VCC rises;
BA6162 / F: VS = 4.2Vtyp. when VCC drops, and VS +
0.1Vtyp. when VCC rises), the Reset signal (Low) and
the CS signal (CS-Low, CSB-High) are output by the
logic output function, and the SRAM (or other memory
device) is switched to backup mode.
If the power supply VCC drops further and goes below
the switching voltage (BA6129AF and BA6162 / F: VB =
3.3Vtyp. when VCC drops, VB + 0.1Vtyp. when VCC
rises), the SBD develops a forward bias because the
PNP power transistor is off. The power supply output
VO switches from the power supply VCC to the battery
power supply (VBAT).
When the normal power supply VCC rises, the above
process is reversed.
Fig. 2 Timing chart
VCC
VO
RESET
CSB
CS
5V
OV
(BA6129AF) (BA6162 / F)
[
GND]
[
GND]
[
GND]
VS [3.5VTyp.] [4.2VTyp.]
VB
OV
VRESH
VRESL
VCSH
VCSL
VCSBH
VCSBL
[3.3VTyp.]
[5V—VSAT1]
[3V—VSAT2]
[
VCC]
[
VCC]
[
VO]
VO (Vcc)
VO (BAT)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com