Electronic Components Datasheet Search
  English  ▼

X  

BA6129 Datasheet(PDF) 4 Page - Rohm

Part # BA6129
Description  Reset IC with battery backup function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6129 Datasheet(HTML) 4 Page - Rohm

  BA6129 Datasheet HTML 1Page - Rohm BA6129 Datasheet HTML 2Page - Rohm BA6129 Datasheet HTML 3Page - Rohm BA6129 Datasheet HTML 4Page - Rohm BA6129 Datasheet HTML 5Page - Rohm BA6129 Datasheet HTML 6Page - Rohm BA6129 Datasheet HTML 7Page - Rohm BA6129 Datasheet HTML 8Page - Rohm BA6129 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Memory ICs
BA6129AF / BA6162 / BA6162F
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC
——
2.0
mA
VCC = 5V, VBAT = 3V
VSAT1
—
0.03
0.05
V
VCC = 5V, VBAT = 3V, IO = – 1mA
VO1
4.95
4.97
—
VVCC = 5V, VBAT = 3V, IO = – 1mA
VO2
4.70
4.90
—
VVCC = 5V, VBAT = 3V, IO = – 15mA
VO3
4.50
4.86
—
VVCC = 5V, VBAT = 3V, IO = – 30mA
VS
4.00
4.20
4.40
V
VCC = H
→L
VSH
—
100
—
mV
VCC = L
→H
VRESL
——
0.4
V
VCC = 3.7V
IRESH
——
0.1
µA
VOPL
—
0.8
1.2
V
VCC = H
→L, VRES
0.4V
VCSL
——
0.1
V
VCC = 3.7V, VBAT = 3V, ICS = + 1
µA
VCSH
4.9
——
VVCC = 5V, VBAT = 3V, ICS = – 1
µA
VCSBL
——
0.1
V
VCC = 5V, VBAT = 3V, ICSB = + 1
µA
VCC = 5V, VRRES = 7V
No-load current dissipation
I / O voltage differential 1
Vo output voltage 1
Vo output voltage 2
Vo output voltage 3
Detection voltage
Detection hysteresis voltage
Reset output low level voltage
Reset leakage current
Reset operating limit voltage
CS output low level voltage
CS output high level voltage
CSB output low level voltage
CSB output high level voltage
Detection voltage temperature characteristic
Switching voltage
Switching hysteresis voltage
Switching voltage temperature characteristic
Backup current dissipation
I / O voltage differential 2
Vo output voltage 4
Vo output voltage 5
Vo output voltage 6
Reverse current
VCSBH
KVS
VB
VBH
KVB
ICCB
VSAT2
VO4
VO5
IOR
VO6
VCC = 3.7V, VBAT = 3V, ICSB = – 1
µA
VCC = H
→L, VBAT = 3V, RO = 200kΩ
VCC = L
→H, VBAT = 3V, RO = 200kΩ
VCC = GND, VBAT = 3V
VCC = GND, VBAT = 3V, IO = – 1
µA
VCC = GND, VBAT = 3V, IO = – 1
µA
VCC = GND, VBAT = 3V, IO = – 100
µA
VCC = 5V, VBAT = GND
IO = – 40mA
Vo – 0.1
– 0.05
3.15
—
– 0.05
—
—
2.70
2.60
—
VCC – 0.5
—
—
3.30
100
—
—
—
—
0.20
2.80
2.67
—
—
—
+ 0.05
3.45
—
+ 0.05
0.5
0.03
—
—
0.1
—
V
% /
°C
V
mV
% /
°C
µA
V
V
V
µA
V
(Note) IO, ICS, and ICSB are + when flowing toward the pin and – when flowing away from the pin.
Not designed for radiation resistance.
BA6162 / F (unless otherwise noted, Ta = 25°C, VRRES = VCC = 5V, RRES = 10k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com