Electronic Components Datasheet Search
  English  ▼

X  

BA6196FP Datasheet(PDF) 7 Page - Rohm

Part # BA6196FP
Description  4-channel BTL driver for CD players
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6196FP Datasheet(HTML) 7 Page - Rohm

Back Button BA6196FP Datasheet HTML 2Page - Rohm BA6196FP Datasheet HTML 3Page - Rohm BA6196FP Datasheet HTML 4Page - Rohm BA6196FP Datasheet HTML 5Page - Rohm BA6196FP Datasheet HTML 6Page - Rohm BA6196FP Datasheet HTML 7Page - Rohm BA6196FP Datasheet HTML 8Page - Rohm BA6196FP Datasheet HTML 9Page - Rohm BA6196FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
294
Optical disc ICs
BA6196FP
FMeasurement circuit switch table
FOperation notes
(1)
The BA6196FP has an internal shutdown circuit.
The output current is muted when the chip temperature
exceeds 175
_C (typically).
(2)
If the mute pin (pin 7) voltage is opened or lowered
below 0.5V, the output current will be muted. The mute
pin should be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 23) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage. In each case,
only the drivers are muted. During muting, the output pins
remain at the internal bias voltage, roughly (VCC–VF)/2.
(5)
The internal circuits turn off when the supply volt-
age drops below 4.5V (typically), and turn on again when
it rises above 4.7V (typically).
(6)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(7)
The radiating fin is connected to the package’s in-
ternal GND, but should also be connected to an external
ground.
(8)
The capacitor between regulator output (pin 6) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com