Electronic Components Datasheet Search
  English  ▼

X  

BA6222 Datasheet(PDF) 3 Page - Rohm

Part # BA6222
Description  Reversible motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Datasheet(HTML) 3 Page - Rohm

  BA6222 Datasheet HTML 1Page - Rohm BA6222 Datasheet HTML 2Page - Rohm BA6222 Datasheet HTML 3Page - Rohm BA6222 Datasheet HTML 4Page - Rohm BA6222 Datasheet HTML 5Page - Rohm BA6222 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
407
Motor driver ICs
BA6222
FApplication example
FOperation notes
(1)
Output voltage control pin (pin 4)
The voltage at pin 4 is related to the HIGH output voltage
(VOH) as follows :
VOH = 4
V4
) Vofs
where Vofs is the error voltage, which varies with the out-
put current and the chip temperature. The output voltage
is about four times the voltage at pin 4.
The V4-value can be classified into three ranges accord-
ing to the output state :
A : VOH is at or near 0V
B : VOH is four times the gain
C : VOH-value is saturated
An oscillation may occur if a circuit having an output im-
pedance of more than a few hundred ohms is connected
to pin 4. In this case, connect a capacitor of at least
3300pF between pin 4 and GND.
(2)
Thermal shutdown circuit
The thermal shutdown circuit turns off the driver output
if the chip temperature rises to about 150
_C. The shut-
down signal is not latched.
(3)
Make sure that pin voltages will not exceed the sup-
ply voltage by more than 0.3V or will not become less
than the GND pin voltage by more than 0.3V.
(4)
The quality of these products have been carefully
checked; however, use of the products with applied volt-
ages, operating temperatures, or other parameters that
exceed the absolute maximum rating given may result in
the damage of the IC and the product it is used in. If the
IC is damaged, the short mode and open modes cannot
be specified, so if the IC is to be used in applications
where parameters may exceed the absolute maximum
ratings, then be sure to incorporate fuses, or other physi-
cal safety measures.
(5)
Input pins
Voltage should never be applied to the input pins when
the VCC voltage is not applied to the IC. Similarly, when
VCC is applied, the voltage on each input pin should be
less than VCC and within the guaranteed range for the
electrical characteristics.
(6)
Back-rush voltage
Depending on the ambient conditions, environment, or
motor characteristics, the back-rush voltage may fluctu-
ate. Be sure to confirm that the back-rush voltage will not
adversely affect the operation of the IC.
(7)
Large current line
Large currents are carried by the motor power supply and
motor ground for these ICs.
Therefore, the layout of the pattern of the PC board and
the constants of certain parameters for external compo-
nents, such as the capacitor between the power supply
and ground, may cause this large output current to flow
back to the input pins, resulting in output oscillation or
other malfunctions. To prevent this, make sure that the
PC board layout and external circuit constants cause no
problems with the characteristics of these ICs.
(8)
Power dissipation
The power dissipation will fluctuate depending on the
mounting conditions of the IC and the ambient environ-
ment. Make sure to carefully check the thermal design of
the application where these ICs will be used.
(9)
Power consumption
The power consumption by the IC varies widely with the
power supply voltage and the output current. Give full
consideration to the power dissipation rating and the
thermal resistance data and transient thermal resistance
data, to provide a thermal design so that none of the rat-
ings for the IC are exceeded.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com