Electronic Components Datasheet Search
  English  ▼

X  

BA6239AN Datasheet(PDF) 5 Page - Rohm

Part # BA6239AN
Description  2-channel reversible motor driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6239AN Datasheet(HTML) 5 Page - Rohm

  BA6239AN Datasheet HTML 1Page - Rohm BA6239AN Datasheet HTML 2Page - Rohm BA6239AN Datasheet HTML 3Page - Rohm BA6239AN Datasheet HTML 4Page - Rohm BA6239AN Datasheet HTML 5Page - Rohm BA6239AN Datasheet HTML 6Page - Rohm BA6239AN Datasheet HTML 7Page - Rohm BA6239AN Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
494
Motor driver ICs
BA6238A / BA6238AN / BA6239A / BA6239AN
FCircuit operation
(1)
Input (pins 4, 5, and 6)
These pins receive control logic signals. The relevant cir-
cuits are designed to have hysteresis and antinoise char-
acteristics. The input circuit can control the logic by input
currents of a few microamperes or more. The motor con-
nected between pins 10 and 2 is selected when pin 4 is
HIGH and pin 5 is LOW, while the motor connected be-
tween pins 10 and 3 is selected when pin 5 is HIGH and
pin 4 is LOW. Pin 6 is the forward / reverse control input
pin.
(2)
Output (pins 2, 3, and 10)
Pin 10 is the common pin. Either pin 2 or 3 is left OPEN
during motor driving. The waveform monitored on the
OPEN pin will be the same as that on pin 10.
(1) BA6238A / BA6238AN
The output stage configuration of the BA6238A /
BA6238AN is shown in Fig. 5. The output stage contains
NPN transistors in a Darlington configuration, which
means the saturation voltage between VCC1 and the out-
put pin is rather high but the output voltage can be easily
set by using a zener diode or a resistor voltage divider.
The voltage on the VR pin can be varied from 0V to VCC1.
The output voltage is at the maximum when pin 8 is
OPEN.
VOH=VCC1–Vsat (PNP)–2
VBE (NPN Darlington)
VOL=Vsat (NPN Darlington)
Vsat and VBE are functions of the output current (see Fig.
17).
(2) BA6239A / BA6239AN
The output configuration of the BA6239A / BA6239AN is
shown in Fig. 6. Because the output stage contains only
one NPN transistor, the saturation voltage between pin
8 and the output pin is about 0.7V less than that in the
BA6238A. The output voltage is controlled by the pin-8
voltage. The voltage on the VR pin can be varied from 8V
to VCC1. The output voltage is at the maximum when pin
8 is VCC1.
VOH=VR–Vsat (PNP)–VBE (NPN)
VOL=Vsat (NPN Darlington)
Vsat and VBE are functions of the output current (see Fig.
18).
(3)
Output control (pin 8)
Output voltage can be varied by controlling the pin-8 volt-
age.
(1) BA6238A / BA6238AN
The pin-8 voltage can vary from 0V to VCC. Because a
constant current (0.6mA typically) flows out from pin 8,
the output voltage can be controlled by using a zener
diode or a resistor voltage divider.
(2) BA6239A / BA6239AN
In addition to controlling the output voltage, pin 8 supplies
base current to the high-side output transistor (NPN).
(4)
Power supply (pins 7 and 9)
Pin 7 supplies power to the input, logic, and thermal shut-
down circuits. Pin 9 supplies power to the output transis-
tors.
(5)
Thermal shutdown circuit
Regardless of the input mode, the thermal shutdown cir-
cuit puts the outputs to LOW level when the chip temper-
ature rises due to such an event as motor locking. When
the thermal shutdown circuit is deactivated, the outputs
revert to the status determined by input mode.
The thermal shutdown circuit is activated when the chip
temperature exceeds 150
_C (125_C minimally), and
deactivated when the chip temperature drops to 100
_C
(125
_C maximally). The minimum temperature differ-
ence between the activation and deactivation settings is
10
_C.
(6)
Ground pin and fins
Pin 1 and the fins have the minimum potential within the
IC. The PCB design should ensure that the common im-
pedance is kept as low as possible when a large current
flows.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com