Electronic Components Datasheet Search
  English  ▼

X  

BA6397FP Datasheet(PDF) 7 Page - Rohm

Part # BA6397FP
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6397FP Datasheet(HTML) 7 Page - Rohm

  BA6397FP Datasheet HTML 1Page - Rohm BA6397FP Datasheet HTML 2Page - Rohm BA6397FP Datasheet HTML 3Page - Rohm BA6397FP Datasheet HTML 4Page - Rohm BA6397FP Datasheet HTML 5Page - Rohm BA6397FP Datasheet HTML 6Page - Rohm BA6397FP Datasheet HTML 7Page - Rohm BA6397FP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
338
Optical disc ICs
BA6397FP
FOperation notes
(1)
The BA6397FP has an internal thermal shutdown
circuit. Output current is muted when the chip tempera-
ture exceeds 175
_C (typically).
(2)
If the mute pin (pin 7) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 7 should
be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 23) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage. In each case,
only the drivers are muted. During muting, the output pins
remain at the internal bias voltage, roughly (VCC–VF)/2.
(5)
The internal input resistor has a positive tempera-
ture coefficient of roughly 2000ppm / degree, and so
when changing the gain using an attached resistor, gain
will also change at a rate of roughly 2000ppm / degree.
There is virtually no gain variation due to temperature
when using the internal input resistor.
(6)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(7)
The radiating fin is connected to the package’s in-
ternal GND, but should also be connected to an external
ground.
(8)
The capacitor between regulator output (pin 6) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.
FElectrical characteristic curves



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com