Electronic Components Datasheet Search
  English  ▼

X  

BA6407AF Datasheet(PDF) 3 Page - Rohm

Part # BA6407AF
Description  2-phase half-wave motor driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6407AF Datasheet(HTML) 3 Page - Rohm

  BA6407AF Datasheet HTML 1Page - Rohm BA6407AF Datasheet HTML 2Page - Rohm BA6407AF Datasheet HTML 3Page - Rohm BA6407AF Datasheet HTML 4Page - Rohm BA6407AF Datasheet HTML 5Page - Rohm BA6407AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
702
Motor driver ICs
BA6407AF
FElectrical characteristics (unless otherwise noted, Ta = 25_C and VCC = 12V)
FLock detection
The automatic restart circuit detects a motor lock condi-
tion and automatically turns off the output current. When
the lock condition is cleared, the IC automatically restarts
and allow the motor to run.
In the BA6407AF, automatic restart is performed as fol-
lows.
A motor lock condition is detected when the Hall signal
stops switching.
The output is ON when the LD pin is being charged, and
OFF when the pin is being discharged.
S The AL pin is ON during normal operation, and OFF
when the motor is locked.
S The AL pin is an open collector output.
Output ON time (TON) and OFF time (TOFF) determined by
the LD capacitor
where
C is the capacitance of the LD-pin external capacitor,
VLDCL is the LD-pin clamp voltage (2.48V),
VLDCP is the LD-pin comparator voltage (0.99V),
ILDC is the LD-pin charge current (3.4
µA),
ILDC is the LD-pin discharge current (0.79
µA).
ILDC
TON (Charge time)=
C
S (VLDCL*VLDCP)
ILDD
TOFF (Discharge time)=
C
S (VLDCL*VLDCP)
(Typical value)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com