Electronic Components Datasheet Search
  English  ▼

X  

BA6458 Datasheet(PDF) 4 Page - Rohm

Part # BA6458
Description  3-phase motor driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6458 Datasheet(HTML) 4 Page - Rohm

  BA6458 Datasheet HTML 1Page - Rohm BA6458 Datasheet HTML 2Page - Rohm BA6458 Datasheet HTML 3Page - Rohm BA6458 Datasheet HTML 4Page - Rohm BA6458 Datasheet HTML 5Page - Rohm BA6458 Datasheet HTML 6Page - Rohm BA6458 Datasheet HTML 7Page - Rohm BA6458 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
606
Motor driver ICs
BA6458FP-Y
FCircuit operation
(1)
The 3-phase Hall signal is amplified in the hall am-
plifiers and sent to the matrix section, where the signal is
further amplified and combined. After the signal is con-
verted to a current in the amplitude control circuit, the cur-
rent is supplied to the output driver, which then provides
a motor drive current. The phases of the Hall input signal,
output voltage, and output current are shown in Fig. 1.
(2)
Torque control pin
The output current can be controlled by adjusting the
voltage applied to the torque control pin (pin 9).
(3)
Start / stop pin
The motor is in the run mode when the pin input voltage
is 3.5V or more and in the idle mode (all output transistors
are off) when the voltage is 1.2V or less.
(4)
Power ground pin (RNF pin)
The RNF pin is the output stage ground pin. Connect a re-
sistor (0.5
Ω recommended) between this pin and the
ground to monitor the output current.
(5)
Torque limit pin (TL pin)
The output current can be limited by applying a voltage
to the torque limit pin. Control is provided so that this pin
will have the same potential as the RNF pin. Note that
there is an offset in the TL-pin voltage.
(6)
Phase compensation pin (CNF pin)
Connect a capacitor between this pin and VCC if the out-
put tends to oscillate.
(7)
Amplifiers 1 and 2
Amplifiers 1 and 2 have an open loop gain of about 70dB
(typical). The input terminals are biased internally to
2.45V (typical).
(8)
Hysteresis amplifiers
The hysteresis amplifiers have a hysteresis width of
±120mV (typical). The input terminals are biased inter-
nally.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com