Electronic Components Datasheet Search
  English  ▼

X  

BA6665FM Datasheet(PDF) 5 Page - Rohm

Part # BA6665FM
Description  Motor driver for CD-ROMs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6665FM Datasheet(HTML) 5 Page - Rohm

  BA6665FM Datasheet HTML 1Page - Rohm BA6665FM Datasheet HTML 2Page - Rohm BA6665FM Datasheet HTML 3Page - Rohm BA6665FM Datasheet HTML 4Page - Rohm BA6665FM Datasheet HTML 5Page - Rohm BA6665FM Datasheet HTML 6Page - Rohm BA6665FM Datasheet HTML 7Page - Rohm BA6665FM Datasheet HTML 8Page - Rohm BA6665FM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA6665FM
Optical disc ICs
Measurement circuit
A2
V2
A1
Fig.1
)
Circuit current
ICC1 : Value of 'A1'
VPS=0 [V]
H1
+~H3+=(1/2)×VCC+0.1 [V]
H1
−~H3−=(1/2)×VCC [V]
ICC2 : Value of 'A1'
VPS=5 [V]
H1
+~H3+=(1/2)×VCC+0.1 [V]
H1
−~H3−=(1/2)×VCC [V]
VHB : Value of 'V2'
VPS=5 [V]
IHB=10 [mA]
Test Circuit
Hall bias voltage
12V
RNF
5V
5V
1.65V
RL
H1
+
H2
+
H3
+
H1
−
H2
−
H3
−
IHB
V1
Fig.2
)
PS ON/OFF range
REV ON/OFF range
VPSON : Range of 'VPS' that output pins
become input-output table.
(Input condition 1~6)
VPSOFF : Range of 'VPS' that output pins
become open.
(Input condition 1~6)
VRSON : Range of 'VREV' that output pins
become input-output table.
(Input condition 1~6)
VPS=5 [V] EC=0 [V]
VRSOFF : Range of 'VREV' that output pins
become open.
(Input condition 1~6)
VPS=5 [V] EC=0 [V]
ITL
: (Value of 'V1') / 0.5
(Input condition 1~6)
VPS=5 [V] EC=0 [V]
Test Circuit
Torque limit current
12V
RNF
VPS
EC
VREV
5V
1.65V
RL
H1
+
H2
+
H3
+
H1
−
H2
−
H3
−



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com