Electronic Components Datasheet Search
  English  ▼

X  

BA6790FP Datasheet(PDF) 7 Page - Rohm

Part # BA6790FP
Description  4-channel BTL driver for CD players
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6790FP Datasheet(HTML) 7 Page - Rohm

  BA6790FP Datasheet HTML 1Page - Rohm BA6790FP Datasheet HTML 2Page - Rohm BA6790FP Datasheet HTML 3Page - Rohm BA6790FP Datasheet HTML 4Page - Rohm BA6790FP Datasheet HTML 5Page - Rohm BA6790FP Datasheet HTML 6Page - Rohm BA6790FP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FExternal dimensions (Units: mm)
354
Optical disc ICs
BA6790FP/BA6791FP
FThermal derating curve
FOperation notes
(1)
The BA6790FP and BA6791FP have an internal
thermal shutdown circuit. Output current is muted when
the chip temperature exceeds 175
_C (typically) and re-
stored when the chip temperature falls to 150
_C (typical-
ly).
(2)
If the mute pin (pin 7) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 7 should
be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 23) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage. In each case,
only the drivers are muted. During muting, the output pins
remain at the internal bias voltage, roughly (VCC / 2).
(5)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(6)
The radiating fin is connected to the packages inter-
nal GND, but should also be connected to an external
ground.
(7)
The capacitor between regulator output (pin 6) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com