Electronic Components Datasheet Search
  English  ▼

X  

BA6791FP Datasheet(PDF) 1 Page - Rohm

Part # BA6791FP
Description  4-channel BTL driver for CD players
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6791FP Datasheet(HTML) 1 Page - Rohm

  BA6791FP Datasheet HTML 1Page - Rohm BA6791FP Datasheet HTML 2Page - Rohm BA6791FP Datasheet HTML 3Page - Rohm BA6791FP Datasheet HTML 4Page - Rohm BA6791FP Datasheet HTML 5Page - Rohm BA6791FP Datasheet HTML 6Page - Rohm BA6791FP Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
348
Optical disc ICs
4-channel BTL driver for CD players
BA6790FP / BA6791FP
The BA6790FP and BA6791FP are 4-channel BTL drivers for CD player actuators and motors. These ICs have internal
5 V regulators and general purpose operational amplifiers, and are mounted to a 28-pin HSOP package, allowing for
the miniaturization of applications.
FApplications
CD players and portable CD
FFeatures
1) 4-channel BTL driver.
2) HSOP 28-pin package allows for miniaturization of
applications.
3) Wide dynamic range. (typically 5.4V when VCC = 8V
and RL = 8
Ω)
4) Internal thermal shutdown circuit.
5) Gain is adjustable with a single attached resistor.
6) Internal 5V regulator. (requires attached PNP tran-
sistor)
7) Internal general purpose operational amplifier.
FBlock diagram


Similar Part No. - BA6791FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA679 VISHAY-BA679 Datasheet
50Kb / 4P
Silicon PIN Diodes
01-Apr-99
BA679 VISHAY-BA679 Datasheet
138Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD80
12-Sep-06
BA679 VISHAY-BA679 Datasheet
83Kb / 5P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
81Kb / 4P
RF PIN Diodes - Single in MiniMELF SOD-80
16-May-12
BA679 VISHAY-BA679 Datasheet
87Kb / 4P
RF PIN Diodes - Single in MiniMELF (SOD-80)
07-Mar-2022
More results

Similar Description - BA6791FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
4-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
4-channel BTL driver for CD players
BA6297AFP ROHM-BA6297AFP Datasheet
107Kb / 6P
4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com