Electronic Components Datasheet Search
  English  ▼

X  

BA6797FP Datasheet(PDF) 8 Page - Rohm

Part # BA6797FP
Description  4-channel BTL driver for CD players
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6797FP Datasheet(HTML) 8 Page - Rohm

Back Button BA6797FP Datasheet HTML 2Page - Rohm BA6797FP Datasheet HTML 3Page - Rohm BA6797FP Datasheet HTML 4Page - Rohm BA6797FP Datasheet HTML 5Page - Rohm BA6797FP Datasheet HTML 6Page - Rohm BA6797FP Datasheet HTML 7Page - Rohm BA6797FP Datasheet HTML 8Page - Rohm BA6797FP Datasheet HTML 9Page - Rohm BA6797FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
371
Optical disc ICs
BA6797FP / BA6797FM
FApplication example
FOperation notes
(1)
The BA6797FP and BA6797FM have an internal
thermal shutdown circuit. Output current is muted when
the chip temperature exceeds 175
_C (typically).
(2)
If the mute pin (pin 9) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 15
should be pulled up above 2.0V during normal use. Dur-
ing muting, the output pins remain at the internal bias
voltage, roughly (VCC / 2).
(3)
The bias pin (pin 8) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(5)
Connect the radiating fin to an external ground.
(6)
The capacitor between regulator output (pin 7) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com