Electronic Components Datasheet Search
  English  ▼

X  

BA6798S Datasheet(PDF) 6 Page - Rohm

Part # BA6798S
Description  4-channel BTL driver for CD players
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6798S Datasheet(HTML) 6 Page - Rohm

  BA6798S Datasheet HTML 1Page - Rohm BA6798S Datasheet HTML 2Page - Rohm BA6798S Datasheet HTML 3Page - Rohm BA6798S Datasheet HTML 4Page - Rohm BA6798S Datasheet HTML 5Page - Rohm BA6798S Datasheet HTML 6Page - Rohm BA6798S Datasheet HTML 7Page - Rohm BA6798S Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
379
Optical disc ICs
BA6798S
FApplication example
FOperation notes
(1)
The BA6798S has an internal thermal shutdown cir-
cuit. Output current is muted when the chip temperature
exceeds 175
_C (typically).
(2)
If the mute pin (pin 6) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 6 should
be pulled up above 2.0V during normal use.
(3)
The bias pin (pin 17) is muted when lowered below
1.4V (typically). Make sure it stays above 1.6V during
normal use.
(4)
Muting occurs during thermal shutdown, mute-on
operations or a drop in the bias pin voltage or supply volt-
age. In each case, only the drivers are muted. During
muting, the output pins remain at the internal bias volt-
age, roughly (VCC
*VF / 2).
(5)
The driver circuit shuts down when the supply volt-
age drops below 4.5V (typically), and starts up again
when the voltage rises above 4.7V (typically).
(6)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(7)
The capacitor between regulator output (pin 7) and
GND also serves to prevent oscillation of the IC, so select
one with good temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com